Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND4805 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LND4805
Description  400mA Low Dropout Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LND4805 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LND4805 Datasheet HTML 1Page - List of Unclassifed Manufacturers LND4805 Datasheet HTML 2Page - List of Unclassifed Manufacturers LND4805 Datasheet HTML 3Page - List of Unclassifed Manufacturers LND4805 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
-25º C<=TJ <=85ºC
Full Operating Temperature
0.985 |Vo|
0.98 |Vo|
Vo
1.015 |Vo|
1.02 |Vo|
Output Voltage
1mA<= IL <=400mA, TJ
<=Tjmax
0.975 |Vo|
Vo
1.025 |Vo|
Input Supply Voltage
26
V
Output Voltage Temperature
Coefficient
(Note 1)
50
150
ppm/ºC
Line Regulation (Note 2)
13V<=Vin <= 26V (Note 3)
0.1
0.4
%
Load Regulation(Note 2)
1mA<= IL <=400mA
0.1
0.3
%
Dropout Voltage(Note 4)
IL =150mA
IL =400mA
200
420
400
700
mV
Ground Current (Note 5)
IL =100µA
IL =150µA
IL =400µA
100
12
30
200
20
50
µA
mA
mA
Dropout Ground
Current(Note 5)
Vin=Vout-0.5V IL =100µA
110
220
µA
Current Limit
Vout=0
350
500
mA
Thermal Regulation (Note 6)
0.05
0.2
%/W
Output Noise, 10Hz to
100KHz IL = 100mA
CL=2.2µF
CL=3.3µF
CL=33µF
500
350
120
µV RMS
Ripple Rejection Ratio
IO =350mA,f=120Hz,
Co=100µF, VIN=Vo+3V+2VPP
60
dB
Adjust model
Reference Voltage
1.21
1.235
1.26
Reference Voltage
Over Temperature (Note 7)
1.185
1.285
V
Feedback Pin Bias Current
20
40
nA
Reference Voltage
Temperature Coefficient
(Note 1)
50
ppm/ºC
Feedback Pin Bias Current
Temperature coefficient
0.1
nA/ºC
Shutdown Input
Input Logic Voltage
Low(Regulator ON)
High (Regulator OFF)
2
1.3
0.7
V
Shutdown Pin Input Current
VS = 2.4V
VS = 26V
30
450
50
600
(Note 8)
5.0V<=Vout<15.0V
10
3.3V<=Vout<5.0 V
20
Regulator Output Current in
Shutdown
2.0V<=Vout<3.3V
30
µA
ELECTRICAL CHARACTERISTICS
LND48XX
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •


Similar Part No. - LND4805

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND4805 LINEAR_DIMENSIONS-LND4805 Datasheet
114Kb / 4P
   400mA Low Dropout Voltage Regulators
More results

Similar Description - LND4805

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND48XX LINEAR_DIMENSIONS-LND48XX Datasheet
114Kb / 4P
   400mA Low Dropout Voltage Regulators
logo
SG Micro Corp
SG2012 SGMICRO-SG2012 Datasheet
534Kb / 9P
   400mA , Low Power, Low Dropout, Linear Regulators
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
SG Micro Corp
SG2003 SGMICRO-SG2003 Datasheet
591Kb / 12P
   400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com