Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HZ-P Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HZ-P
Description  Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZ-P Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HZ-P Datasheet HTML 1Page - Hitachi Semiconductor HZ-P Datasheet HTML 2Page - Hitachi Semiconductor HZ-P Datasheet HTML 3Page - Hitachi Semiconductor HZ-P Datasheet HTML 4Page - Hitachi Semiconductor HZ-P Datasheet HTML 5Page - Hitachi Semiconductor HZ-P Datasheet HTML 6Page - Hitachi Semiconductor HZ-P Datasheet HTML 7Page - Hitachi Semiconductor HZ-P Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HZ-P Series
Rev.4, Sep. 2000, page 5 of 8
Main Characteristic
Zener Voltage V
Z (V)
5
10
15
20
25
30
35
40
10
-2
10
-3
10
-4
10
-5
10
-6
10
-7
10
-8
0
10
-1
45
1.0
0.8
0.6
0.4
0.2
200
150
100
50
0
Ambient Temperature Ta (
°C)
0
l=10mm
l=5mm
l=10mm
without heat sink
Infinite Heat Sink Plate
l=25mm
ll
Fig.1 Zener current Vs. Zener voltage
Fig.3 Power Dissipation Vs. Ambient Temperature
Zener Voltage V
(V)
Z
05
10
15 20 25
30 35 40
50
40
30
20
10
0
−10
−20
−30
−40
−50
%/
°C
mV/
°C
Fig.2 Temperature Coefficient Vs. Zener voltage
−0.06
−0.04
−0.02
0
0.02
0.04
0.06
0.08
0.10
−0.08
−0.10


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn