Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD3057R Datasheet(PDF) 9 Page - Sony Corporation

Part # CXD3057R
Description  CD Digital Signal Processor with Built - in RF Amplifier and Digital Servo, Digital High - Bass Boost
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3057R Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXD3057R Datasheet HTML 5Page - Sony Corporation CXD3057R Datasheet HTML 6Page - Sony Corporation CXD3057R Datasheet HTML 7Page - Sony Corporation CXD3057R Datasheet HTML 8Page - Sony Corporation CXD3057R Datasheet HTML 9Page - Sony Corporation CXD3057R Datasheet HTML 10Page - Sony Corporation CXD3057R Datasheet HTML 11Page - Sony Corporation CXD3057R Datasheet HTML 12Page - Sony Corporation CXD3057R Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
– 9 –
CXD3057R
RF Block Pin Equivalent Circuit
Pin
No.
Symbol
I/O
Equivalent circuit
Description
19
VC
20
VC
21
22
1pF
23
24
1pF
25
19
E
I
Tracking error amplifier input.
20
F
I
21
TEI
I
Tracking error signal input to DSSP
block.
22
TEO
O
Tracking error amplifier output.
23
FEI
I
Focus error signal input to DSSP
block.
24
FEO
O
Focus error amplifier output.
25
VC
I/O
(AVDD4 – AVSS4)/2 voltage output.


Similar Part No. - CXD3057R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD305-101R ETC1-CXD305-101R Datasheet
20Kb / 1P
   C-MOS SIGNAL PROCESSOR
logo
Sony Corporation
CXD3059AR SONY-CXD3059AR Datasheet
337Kb / 27P
   CD Digital Signal Processor with Built-in RF Amplifier and Digital Servo Digital High & Bass Boost
More results

Similar Description - CXD3057R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3059AR SONY-CXD3059AR Datasheet
337Kb / 27P
   CD Digital Signal Processor with Built-in RF Amplifier and Digital Servo Digital High & Bass Boost
CXD3048R SONY-CXD3048R Datasheet
1Mb / 205P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3027R SONY-CXD3027R Datasheet
1Mb / 191P
   CD Digital Signal Processor with Built-in Digital Servo Shock-Proof Memory Controller Digital High & Bass Boost
CXD3029R SONY-CXD3029R Datasheet
2Mb / 201P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com