Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCX16373 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74VCX16373
Description  Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX16373 Datasheet(HTML) 3 Page - ON Semiconductor

  74VCX16373 Datasheet HTML 1Page - ON Semiconductor 74VCX16373 Datasheet HTML 2Page - ON Semiconductor 74VCX16373 Datasheet HTML 3Page - ON Semiconductor 74VCX16373 Datasheet HTML 4Page - ON Semiconductor 74VCX16373 Datasheet HTML 5Page - ON Semiconductor 74VCX16373 Datasheet HTML 6Page - ON Semiconductor 74VCX16373 Datasheet HTML 7Page - ON Semiconductor 74VCX16373 Datasheet HTML 8Page - ON Semiconductor 74VCX16373 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74VCX16373
http://onsemi.com
3
TRUTH TABLE
Inputs
Outputs
Inputs
Outputs
LE1
OE1
D0:7
O0:7
LE2
OE2
D8:15
O8:15
X
H
X
Z
X
H
X
Z
H
L
L
L
H
L
L
L
H
L
H
H
H
L
H
H
L.
L
X
O0
L
L
X
O0
H = High Voltage Level
L = Low Voltage Level
Z = High Impedance State
X = High or Low Voltage Level and Transitions Are Acceptable, for ICC reasons, DO NOT FLOAT Inputs
O0 = No Change
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
−0.5 to +4.6
V
VI
DC Input Voltage
−0.5
≤ VI ≤ +4.6
V
VO
DC Output Voltage
−0.5
≤ VO ≤ +4.6
Output in 3−State
V
−0.5
≤ VO ≤ VCC + 0.5
Note 1; Outputs Active
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
Operating
Data Retention Only
1.65
1.2
3.3
3.3
3.6
3.6
V
VI
Input Voltage
−0.3
3.6
V
VO
Output Voltage
(Active State)
(3−State)
0
0
VCC
3.6
V
IOH
HIGH Level Output Current, VCC = 3.0 V − 3.6 V
−24
mA
IOL
LOW Level Output Current, VCC = 3.0 V − 3.6 V
24
mA
IOH
HIGH Level Output Current, VCC = 2.3 V − 2.7 V
−18
mA
IOL
LOW Level Output Current, VCC = 2.3 V − 2.7 V
18
mA
IOH
HIGH Level Output Current, VCC = 1.65 V − 1.95 V
−6
mA
IOL
LOW Level Output Current, VCC = 1.65 V − 1.95 V
6
mA
TA
Operating Free−Air Temperature
−40
+85
°C
Dt/DV
Input Transition Rise or Fall Rate, VIN from 0.8 V to 2.0 V, VCC = 3.0 V
0
10
ns/V


Similar Part No. - 74VCX16373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
logo
STMicroelectronics
74VCX16373 STMICROELECTRONICS-74VCX16373 Datasheet
288Kb / 12P
   3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX16373DT ONSEMI-74VCX16373DT Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results

Similar Description - 74VCX16373

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
logo
Motorola, Inc
MC74VCX16244 MOTOROLA-MC74VCX16244 Datasheet
134Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com