Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM-3116 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STM-3116
Description  2100 - 2500 MHz High Linearity Active Transmit Mixer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STM-3116 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STM-3116 Datasheet HTML 1Page - List of Unclassifed Manufacturers STM-3116 Datasheet HTML 2Page - List of Unclassifed Manufacturers STM-3116 Datasheet HTML 3Page - List of Unclassifed Manufacturers STM-3116 Datasheet HTML 4Page - List of Unclassifed Manufacturers STM-3116 Datasheet HTML 5Page - List of Unclassifed Manufacturers STM-3116 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
3
EDS102201 Rev B
STM-3116 SiGe Active Transmit Mixer
2100-2500MHz Typical Device Performance (continued)
Note 1: The return losses shown were measured with the STM-3116 mounted on our FR4 evaluation boards. The RF port
was matched for the UMTS band and the IF port was matched for 200 MHz. Similar return losses are achievable at other
frequencies using standard matching practices.
Note 2: LO-IF leakage measurement has not been adjusted for the loss through the IF (TC1-1) balun.
Output P1dB vs Temperature
Plo=0 dBm
0
2
4
6
8
10
12
14
2100
2200
2300
2400
2500
Frequency (MHz)
85C
25C
-40C
Output P1dB vs LO Drive
T=25 C
0
2
4
6
8
10
12
14
2100
2200
2300
2400
2500
Fre que ncy (M Hz)
-3 dBm
0dBm
+3 dBm
RF & LO Re turn Loss (Note 1)
-25
-20
-15
-10
-5
0
1900
2000
2100
2200
2300
2400
2500
Fr e que ncy (M Hz)
RF RL
LO RL
IF Re turn Loss (Note 1)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
100
200
300
400
IF Fr eque ncy (M Hz)


Similar Part No. - STM-3116

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STM-3116 SIRENZA-STM-3116 Datasheet
181Kb / 6P
   2100 - 2500 MHz High Linearity Active Transmit Mixer
More results

Similar Description - STM-3116

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STM-3116 SIRENZA-STM-3116 Datasheet
181Kb / 6P
   2100 - 2500 MHz High Linearity Active Transmit Mixer
logo
ATMEL Corporation
ATR0787 ATMEL-ATR0787 Datasheet
184Kb / 12P
   High Linearity Active Transmit Mixer for 2100 MHz to 2500 MHz
logo
SIRENZA MICRODEVICES
STM-2116 SIRENZA-STM-2116 Datasheet
181Kb / 6P
   1800 - 2100 MHz High Linearity Active Transmit Mixer
logo
ATMEL Corporation
ATR0786 ATMEL-ATR0786 Datasheet
184Kb / 12P
   High Linearity Active Transmit Mixer for 1800 MHz to 2100 MHz
logo
List of Unclassifed Man...
STM-1116 ETC-STM-1116 Datasheet
180Kb / 6P
   800 - 1000 MHz High Linearity Active Transmit Mixer
logo
SIRENZA MICRODEVICES
STM-1116 SIRENZA-STM-1116 Datasheet
182Kb / 6P
   800 - 1000 MHz High Linearity Active Transmit Mixer
logo
Stanford Microdevices
STM-2016 STANFORD-STM-2016 Datasheet
134Kb / 7P
   1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer
logo
SIRENZA MICRODEVICES
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
   1700 - 2300 MHz High Linearity Active Receive Mixer
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
   800 - 1000 MHz High Linearity Active Receive Mixer
logo
Linear Technology
LT5521 LINER-LT5521 Datasheet
269Kb / 16P
   Very High Linearity Active Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com