Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62434FP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62434FP
Description  SOUND CONTROLLER FOR TV
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62434FP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62434FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62434FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62434FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62434FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62434FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62434FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62434FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62434FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62434FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MITSUBISHI SOUND PROCESSOR
M62434FP
SOUND CONTROLLER FOR TV
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
ELECTRIC
MITSUBISHI
13
D-62434-74F
(
/
)
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Unit
Icc
Circuit Current
mA
Min.
Typ.
Max.
30
45
(Ta=25°C, Vcc=9V, Tone Control;Flat , Bass Boost;0dB, ATT=0dB)
(1) Power Suppy Characteristics
Symbol
Parameter
Conditions
Unit
VIM1
Maximum
Input Voltage1
Vrms
Min.
Typ.
Max.
2.0
3.2
(2) -1 Input / Output Characteristics
VOM
Maximum
Output Voltage
Vrms
Output Noise
Voltage1
µVrms
THD
Total
Harmonic
Distortion
%
0.1
0.2
CS
Channel
Separation
dB
-50
-60
1.7
1.2
Input
Output
pin 2,23
ATT
(dB)
SRS TONE
Limit
f=1kHz
pin 12,17
THD=1%
IHF-A filter
-6
By-
Pass
Flat
VIM2
Maximum
Input Voltage2
Vrms
pin 2,23
f=100Hz
pin 12,17
THD=1%
DIN-A filter
0
Center
0dB
Space
0dB
Bass
12dB
Treble
12dB
pin 2,23
f=1kHz
pin 12,17
THD=1%
IHF-A filter
0
By-
Pass
Flat
pin 2,23
f=1kHz
Vi=0dBm
pin 12,17
DIN-A filter
0
By-
Pass
Flat
pin 2,23
f=1kHz
Vi=0dBm
pin 12,17
IHF-A filter
0
By-
Pass
Flat
VNO1
pin 2,23
to GND
pin 12,17
IHF-A filter
Output Noise
Voltage2
µVrms
VNO2
pin 12,17
IHF-A filter
-
∞ By-
Pass
Flat
0
By-
Pass
Flat
Output Noise
Voltage3
µVrms
VNO3
pin 12,17
IHF-A filter
0
Center
0dB
Space
0dB
Bass
0dB
Treble
0dB
pin 2,23
to GND
pin 2,23
to GND
5
10
10
20
20
60
0.18
RL=10K
RL=10K


Similar Part No. - M62434FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62430 MITSUBISHI-M62430 Datasheet
160Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SRSsurround
M62430FP MITSUBISHI-M62430FP Datasheet
160Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SRSsurround
M62431 MITSUBISHI-M62431 Datasheet
92Kb / 7P
   7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
M62431FP MITSUBISHI-M62431FP Datasheet
92Kb / 7P
   7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
M62433FP MITSUBISHI-M62433FP Datasheet
224Kb / 21P
   DIGITAL SOUND CONTROLLER
More results

Similar Description - M62434FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62420SP MITSUBISHI-M62420SP Datasheet
94Kb / 16P
   SOUND CONTROLLER FOR TV
M62494SP MITSUBISHI-M62494SP Datasheet
77Kb / 7P
   SOUND CONTROLLER FOR TV
logo
Rohm
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
   Audio sound processor for TV
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
   Audio sound processor for TV
BD3888FS ROHM-BD3888FS Datasheet
262Kb / 5P
   Audio sound processor for TV
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
List of Unclassifed Man...
ECG704 ETC1-ECG704 Datasheet
281Kb / 7P
   TV SOUND IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com