Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28346-2 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part No. CY28346-2
Description  Clock Synthesizer with Differential CPU Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28346-2 Datasheet(HTML) 19 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
CY28346-2
Document #: 38-07509 Rev. *A
Page 19 of 20
© Cypress Semiconductor Corporation, 2003. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Drawings and Dimensions
Intel is a registered trademark of Intel Corporation. Dial-a-Frequency is a registered trademark, and Dial-a-dB is a trademark, of
Cypress Semiconductor. All product and company names mentioned in this document are the trademarks of their respective
holders.
51-85060-*B
56-lead Thin Shrunk Small Outline Package, Type II (6 mm x 14 mm) Z56


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn