Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28346-2 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part No. CY28346-2
Description  Clock Synthesizer with Differential CPU Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28346-2 Datasheet(HTML) 18 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
CY28346-2
Document #: 38-07509 Rev. *A
Page 18 of 20
For Single-Ended Output Signals
CPUT
MULTSEL
T
PCB
T
PCB
CPUC
33Ω
33Ω
Measurement Point
49.9Ω
49.9Ω
2pF
Measurement Point
2pF
221Ω
VDD
Figure 16. 0.7V Test Load Termination
Ordering Information
Part Number
Package Type
Product Flow
CY28346ZC-2
56-pin TSSOP–Tube
Commercial, 0
° to 70°C
CY28346ZC-2T
56-pin TSSOP–Tape and Reel
Commercial, 0
° to 70°C
CY28346ZI-2
56-pin TSSOP–Tube
Industrial, 0
° to 85°C
CY28346ZI-2T
56-pin TSSOP–Tape and Reel
Industrial, 0
° to 85°C
2.4V
0.4V
3.3V
0V
Tr
Tf
1.5V
3.3V signals
tDC
Probe
Output under Test
Load Cap
-
-
Figure 17.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn