Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88903V Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY88903V
Description  5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88903V Datasheet(HTML) 4 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SY88903V
Micrel, Inc.
M9999-041505
hbwhelp@micrel.com or (408) 955-1690
VCC = +5V ±10% or +3.3V ±10%; RLOAD = 50Ω to VCC –2V; TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
PSRR
Power Supply(3)
Input referred, 55MHz
35
dB
Rejection Ratio
VID
Input Voltage Range
5
1800
mVpp
tr, tf
Output Rise/Fall Time
VID > 100mVpp
260
ps
VID < 100mVpp
trin,tfin
VOD
Differential Output
VID = 15mVpp
600
mV
Voltage Swing(4)
VID = 5mVpp
200
mV
tOFFL
LOS Release Time(5)
0.1
0.5
µs
Minimum Input
tOFFH
LOS Release Time(6)
0.1
0.5
µs
Maximum Input
tONL
LOS Assert Time(5)
0.2
0.5
µs
VSR
LOS Sensitivity Range
223–1 pattern
5
50
mVpp
HYS
LOS Hysteresis
223–1 pattern
2
4.6
8
dB
Notes:
3. Input referred noise = RMS output noise/low frequency gain.
4. Input is a 622MHz square wave.
5. Input is a 200MHz square wave, tr < 300ps, 8mVpp.
6. Input is a 200MHz square wave, tr < 300ps, 1.8Vpp.
AC ELECTRICAL CHARACTERISTICS
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOSLVL V
CC – V
LOS Assert and De-assert
Levels vs LOS
LVL
3.3V
T
A = 25°C
1.25Gbps
Pattern 27-1
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOSLVL V
CC – V
LOS Assert and De-assert
Levels vs LOS
LVL
5.0V
T
A = 25°C
1.25Gbps
Pattern 2
7-1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn