Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88903V Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. SY88903V
Description  5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88903V Datasheet(HTML) 3 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SY88903V
Micrel, Inc.
M9999-041505
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (V
CC) ....................................... 0V to +7.0V
Input Voltage (D
IN, /DIN, /EN, LOSLVL) ............... 0V to VCC
Output Voltage
(D
OUT, /DOUT) with 50Ω Load ... VCC –2.5V to VCC +0.3V
(VREF) ............................................ V
CC –2.0V to VCC
Lead Temperature (soldering, 10 sec.) ..................... 270
°C
Storage Temperature (T
S) ....................... –55°C to +125°C
Operating Ratings(2)
Supply Voltage (V
IN) ...................................... +xxV to +xxV
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance
MSOP
JA) ......................................................... xx°C/W
VCC = +5V ±10% or +3.3V ±10%; RLOAD = 50Ω to VCC –2V; TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
No output load
30
42
mA
IIL
/EN Input LOW Current
VIN = 0.5V
–0.3
mA
IIH
/EN Input HIGH Current
VIN = 2.7V
20
µA
VIN = VCC
100
VCMR
Common Mode Range
GND +2.0
VCC
V
Voffset
Differential Output Offset
±100
mV
LOSLVL
LOSLVL Level
VREF
VCC
V
VOL
LOS Output Low Level
IOL = +2mA
0.5
V
IOH
LOS Output Leakage
VOH = 5.5V
250
µA
VOH
DOUT and /DOUT
VCC –1085 VCC –955 VCC –880
mV
HIGH Output
VOL
DOUT and /DOUT
VCC –1830 VCC –1705 VCC –1620
mV
LOW Output
VREF
Reference Supply
VCC –1.38 VCC –1.32 VCC –1.26
V
IREF
VREF Output Current
–0.8
0.5
mA
VIH
/EN Input HIGH Voltage
2.0
V
VIL
/EN Input LOW Voltage
0.8
V
Notes:
1. Permanent device damage may occur if “Absolute Maximum Ratings” are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to “Absolute Maximum Ratings” conditions for
extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
DC ELECTRICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn