Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88903V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part No. SY88903V
Description  5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88903V Datasheet(HTML) 2 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SY88903V
Micrel, Inc.
M9999-041505
hbwhelp@micrel.com or (408) 955-1690
Pin Number
Pin Name
Type
Pin Function
1
EN
TTL Input
Output Enable (Active Low).
2
DIN
Data Input
Data Input.
3
/DIN
Data Input
Inverting Data Input.
4
VREF
Output
Reference Voltage Output for LOS Level Set (see Figure 3).
5
LOSLVL
Input
LOS Limit Set.
6
GND
Ground
Ground
7
LOS
TTL Output
Loss-of-Signal Indicator (Active Low).
(Open Collector)
8
/DOUT
PECL Output
Inverting Data Output.
9
DOUT
PECL Output
Data Output.
10
VCC
Power Supply
Positive Power Supply.
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88903VKC
K10-1
Commercial
903V with Pb-free
Sn-Pb
bar-line indicator
SY88903VKCTR(2)
K10-1
Commercial
903V with Pb-free
Sn-Pb
bar-line indicator
SY88903VKG
K10-1
Industrial
903V with Pb-free
NiPdAu
bar-line indicator
SY88903VKGTR(2)
K10-1
Industrial
903V with Pb-free
NiPdAu
bar-line indicator
Notes:
1. Contact factory for die availability. Die is guaranteed at TA = 25°C, DC electricals only.
2. Tape and Reel.
PIN DESCRIPTION
LOSLVL
GND
6
5
1
/EN
DIN
/DIN
VREF
10 VCC
DOUT
/DOUT
LOS
9
8
7
2
3
4
10-Pin MSOP (K10-1)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn