Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ44C251B Datasheet(PDF) 21 Page - Texas Instruments

Part # SMJ44C251B
Description  262144 BY 4-BIT MULTIPORT VIDEO RAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ44C251B Datasheet(HTML) 21 Page - Texas Instruments

Back Button SMJ44C251B Datasheet HTML 17Page - Texas Instruments SMJ44C251B Datasheet HTML 18Page - Texas Instruments SMJ44C251B Datasheet HTML 19Page - Texas Instruments SMJ44C251B Datasheet HTML 20Page - Texas Instruments SMJ44C251B Datasheet HTML 21Page - Texas Instruments SMJ44C251B Datasheet HTML 22Page - Texas Instruments SMJ44C251B Datasheet HTML 23Page - Texas Instruments SMJ44C251B Datasheet HTML 24Page - Texas Instruments SMJ44C251B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
SMJ44C251B
262144 BY 4-BIT
MULTIPORT VIDEO RAM
SGMS058A – MARCH 1995 – REVISED JUNE 1995
21
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
ALT.
’44C251B - 10
’44C251B - 12
UNIT
SYMBOL
MIN
MAX
MIN
MAX
UNIT
tc(rd)
Cycle time, read (see Note 9)
tRC
190
220
ns
tc( W )
Cycle time, write (see Note 9)
tWC
190
220
ns
tc(rdW)
Cycle time, read-modify-write (see Note 9)
tRMW
250
290
ns
tc(P)
Cycle time, page-mode read or write (see Note 9)
tPC
60
70
ns
tc(rdWP)
Cycle time, page-mode read-modify-write (see Note 9)
tPRMW
105
125
ns
tc( TRD)
Cycle time, read transfer (see Note 9)
tRC
190
220
ns
tc( TW )
Cycle time, write transfer (see Note 9)
tWC
190
220
ns
tc(SC)
Cycle time, serial clock (see Notes 9 and 10)
tSCC
30
35
ns
tw(CH)
Pulse duration, CAS high
tCPN
20
30
ns
tw(CL)
Pulse duration, CAS low (see Note 11)
tCAS
25
75 000
30
75 000
ns
tw(RH)
Pulse duration, RAS high
tRP
80
90
ns
tw(RL)
Pulse duration, RAS low (see Note 12)
tRAS
100
75 000
120
75 000
ns
tw( WL)
Pulse duration, W low
tWP
25
25
ns
tw( TRG)
Pulse duration, TRG low
25
30
ns
tw(SCH)
Pulse duration, SC high
tSC
10
12
ns
tw(SCL)
Pulse duration, SC low
tSCP
10
12
ns
tw(SEL)
Pulse duration, SE low
tSE
35
40
ns
tw(SEH)
Pulse duration, SE high
tSEP
35
40
ns
tw(GH)
Pulse duration, TRG high
tTP
30
30
ns
tw(RL)P
Pulse duration, RAS low (page mode)
100
75 000
120
75 000
ns
tsu(CA)
Setup time, column address
tASC
0
0
ns
tsu(SFC)
Setup time, DSF before CAS low
tFSC
0
0
ns
tsu(RA)
Setup time, row address
tASR
0
0
ns
tsu( WMR)
Setup time, W before RAS low
tWSR
0
0
ns
tsu(DQR)
Setup time, DQ before RAS low
tMS
0
0
ns
tsu( TRG)
Setup time, TRG before RAS low
tTHS
0
0
ns
tsu(SE)
Setup time, SE before RAS low (see Note 13)
tESR
0
0
ns
tsu(SESC)
Setup time, serial write disable
tSWIS
10
15
ns
tsu(SFR)
Setup time, DSF before RAS low
tFSR
0
0
ns
tsu(DCL)
Setup time, data before CAS low
tDSC
0
0
ns
tsu(DWL)
Setup time, data before W low
tDSW
0
0
ns
tsu(rd)
Setup time, read command
tRCS
0
0
ns
tsu( WCL)
Setup time, early write command before CAS low
tWCS
0
0
ns
† Timing measurements are referenced to VIL max and VIH min.
NOTES:
9. All cycle times assume tt = 5 ns.
10. When the odd tap is used (tap address can be 0 – 511, and odd taps are 1, 3, 5, etc.), the cycle time for SC in the first serial data
out cycle needs to be 70 ns minimum.
11. In a read-modify-write cycle, td(CLWL) and tsu( WCH) must be observed. Depending on the user’s transition times, this may require
additional CAS low time [tw(CL)].
12. In a read-modify-write cycle, td(RLWL) and tsu( WRH) must be observed. Depending on the user’s transition times, this may require
additional RAS low time [tw(RL)].
13. Register-to-memory (write) transfer cycles only


Similar Part No. - SMJ44C251B

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ44C251B AUSTIN-SMJ44C251B Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
SMJ44C251B-10HJM AUSTIN-SMJ44C251B-10HJM Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
SMJ44C251B-10HMM AUSTIN-SMJ44C251B-10HMM Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
SMJ44C251B-10JDM AUSTIN-SMJ44C251B-10JDM Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
SMJ44C251B-10SVM AUSTIN-SMJ44C251B-10SVM Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
More results

Similar Description - SMJ44C251B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Austin Semiconductor
SM55161A AUSTIN-SM55161A Datasheet
1Mb / 64P
   262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
Mitsubishi Electric Sem...
M5M44258BP MITSUBISHI-M5M44258BP Datasheet
1Mb / 18P
   STATIC COLUMN MODE 1048576-BIT (262144-WORD BY 4-BIT) DYNAMIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com