Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LVXT4051 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC74LVXT4051
Description  ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4051 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LVXT4051 Datasheet HTML 1Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 2Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 3Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 4Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 5Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 6Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 7Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 8Page - ON Semiconductor MC74LVXT4051 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC74LVXT4051
http://onsemi.com
3
MAXIMUM RATINGS (Note 1)
Symbol
Parameter
Value
Unit
VEE
Negative DC Supply Voltage
(Referenced to GND)
*7.0 to )0.5
V
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
*0.5 to )7.0
*0.5 to )7.0
V
VIS
Analog Input Voltage
VEE
*0.5 to V
CC )0.5
V
VIN
Digital Input Voltage
(Referenced to GND)
*0.5 to 7.0
V
I
DC Current, Into or Out of Any Pin
$20
mA
TSTG
Storage Temperature Range
*65 to )150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature under Bias
)150
_C
qJA
Thermal Resistance
SOIC
TSSOP
143
164
°C/W
PD
Power Dissipation in Still Air,
SOIC
TSSOP
500
450
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% – 35%
UL–94–VO (0.125 in)
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
u2000
u200
u1000
V
ILATCH–UP
Latch–Up Performance
Above VCC and Below GND at 125°C (Note 5)
$300
mA
1. Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Extended exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum–rated
conditions is not implied.
2. Tested to EIA/JESD22–A114–A.
3. Tested to EIA/JESD22–A115–A.
4. Tested to JESD22–C101–A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VEE
Negative DC Supply Voltage
(Referenced to GND)
*6.0
GND
V
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
2.5
2.5
6.0
6.0
V
VIS
Analog Input Voltage
VEE
VCC
V
VIN
Digital Input Voltage
(Note 6) (Referenced to GND)
0
6.0
V
TA
Operating Temperature Range, All Package Types
*55
125
_C
tr, tf
Input Rise/Fall Time
VCC = 3.0 V $ 0.3 V
(Channel Select or Enable Inputs)
VCC = 5.0 V $ 0.5 V
0
0
100
20
ns/V
6. Unused inputs may not be left open. All inputs must be tied to a high–logic voltage level or a low–logic input voltage level.
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Temperature
°C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 3. Failure Rate vs. Time Junction Temperature
TIME, YEARS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn