Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540203D20 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH540203D20
Description  CMOS 2048X9 ASYNCHRONOUS FIFO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540203D20 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LH540203D20 Datasheet HTML 2Page - Sharp Corporation LH540203D20 Datasheet HTML 3Page - Sharp Corporation LH540203D20 Datasheet HTML 4Page - Sharp Corporation LH540203D20 Datasheet HTML 5Page - Sharp Corporation LH540203D20 Datasheet HTML 6Page - Sharp Corporation LH540203D20 Datasheet HTML 7Page - Sharp Corporation LH540203D20 Datasheet HTML 8Page - Sharp Corporation LH540203D20 Datasheet HTML 9Page - Sharp Corporation LH540203D20 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
OPERATIONAL MODES (cont’d)
Depth Cascading
Depth cascading is implemented by configuring the
required number of LH540203s in depth-cascaded mode.
In this arrangement, the FIFOs are connected in a circular
fashion, with the Expansion Out output (XO) of each
device tied to the Expansion In input (XI) of the next
device. One FIFO in the cascade must be designated as
the ‘first-load’ device, by tying its First Load input (FL/RT)
to ground. All other devices must have their FL/RT inputs
tied HIGH. In this mode, W and R signals are shared by
all devices, while logic within each LH540203 controls the
steering of data. Only one LH540203 is enabled during
any given write cycle; thus, the common Data In inputs of
all devices are tied together. Likewise, only one
LH540203 is enabled during any given read cycle; thus,
the common Data Out outputs of all devices are wire-
ORed together.
In depth-cascaded mode, external logic should be
used to generate a composite Full Flag and a composite
Empty Flag, by ANDing the FF outputs of all LH540203
devices together and ANDing the EF outputs of all devices
together. Since FF and EF are assertive-LOW signals,
this ‘ANDing’ actually is implemented using an asser-
tive-HIGH physical OR gate. The Half-Full Flag and the
Retransmit function are not available in depth-cascaded
mode.
LH540203
RS
RS
FF
9
9
RS
W
FF
RS
FF
9
9
9
R
9
FL
FL
EF
XI
XO
FL
EF
Vcc
Vcc
XO
XO
9
9
XI
540203-19
XI
EMPTY
FULL
EF
LH540203
LH540203
DATA IN
D0 - D8
DATA OUT
Q0 - Q8
Figure 6. FIFO Depth Cascading (6144
× 9)
LH540203
CMOS 2048
× 9 Asynchronous FIFO
6


Similar Part No. - LH540203D20

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
More results

Similar Description - LH540203D20

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com