Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540203U15 Datasheet(PDF) 9 Page - Sharp Corporation

Part # LH540203U15
Description  CMOS 2048X9 ASYNCHRONOUS FIFO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540203U15 Datasheet(HTML) 9 Page - Sharp Corporation

Back Button LH540203U15 Datasheet HTML 5Page - Sharp Corporation LH540203U15 Datasheet HTML 6Page - Sharp Corporation LH540203U15 Datasheet HTML 7Page - Sharp Corporation LH540203U15 Datasheet HTML 8Page - Sharp Corporation LH540203U15 Datasheet HTML 9Page - Sharp Corporation LH540203U15 Datasheet HTML 10Page - Sharp Corporation LH540203U15 Datasheet HTML 11Page - Sharp Corporation LH540203U15 Datasheet HTML 12Page - Sharp Corporation LH540203U15 Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AC TEST CONDITIONS
PARAMETER
RATING
Input Pulse Levels
VSS to 3 V
Input Rise and Fall Times (10% to 90%)
5 ns
Input Timing Reference Levels
1.5 V
Output Reference Levels
1.5 V
Output Load, Timing Tests
Figure 9
CAPACITANCE
1,2
PARAMETER
RATING
CIN (Input Capacitance)
5 pF
COUT (Output Capacitance)
7 pF
NOTES:
1.
Sample tested only.
2.
Capacitances are maximum values at 25oC, measured at 1.0 MHz,
with VIN = 0 V.
540203-4
DEVICE
UNDER
TEST
+5 V
30 pF
1.1 k
680
INCLUDES JIG AND SCOPE CAPACITANCES
*
*
Figure 9.
Output Load Circuit
CMOS 2048
× 9 Asynchronous FIFO
LH540203
9


Similar Part No. - LH540203U15

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
More results

Similar Description - LH540203U15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com