Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3284 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SK3284
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3284 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SK3284 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3284 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3284 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3284 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SK3284
No. A0168-1/4
Features
Low ON-resistance.
Low Qg.
Ultrahigh-speed switching.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
400
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
10
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
40
A
Allowable Power Dissipation
PD
Tc=25
°C50
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
400
V
Zero-Gate Voltage Drain Current
IDSS
VDS=320V, VGS=0V
1.0
mA
Gate-to-Source Leakage Current
IGSS
VGS=±30V, VDS=0V
±100
nA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
3
4
V
Forward Transfer Admittance
yfs
VDS=10V, ID=6A
2.9
5.8
S
Static Drain-to-Source On-State Resistance
RDS(on)
ID=6A, VGS=15V
0.43
0.55
Input Capacitance
Ciss
VDS=20V, f=1MHz
1150
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
350
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
150
pF
Total Gate Charge
Qg
VDS=200V, VGS=10V, ID=10A
40
nC
Turn-ON Delay Time
td(on)
See specified Test Circuit.
17
ns
Rise Time
tr
See specified Test Circuit.
30
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
150
ns
Fall Time
tf
See specified Test Circuit.
50
ns
Diode Forward Voltage
VSD
IS=10A, VGS=0V
1.2
V
Note) Although the protection diode is contained between gate and source, be careful of handling enough.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0168
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
11006QB MS IM TB-00002033
2SK3284
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications


Similar Part No. - 2SK3284

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3280 SANYO-2SK3280 Datasheet
45Kb / 4P
   DC/DC Converter Applications
2SK3283 SANYO-2SK3283 Datasheet
37Kb / 4P
   N-Channel Silicon MOSFET
2SK3285 SANYO-2SK3285 Datasheet
48Kb / 5P
   DC/DC Converter Applications
logo
Inchange Semiconductor ...
2SK3285B ISC-2SK3285B Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3285K ISC-2SK3285K Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3284

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com