Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB2905HQ Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TB2905HQ
Description  Class KB High-Efficiency, Low-Frequency Power Amplifier IC Maximum Power: 47 W x 4 Channels
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2905HQ Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TB2905HQ Datasheet HTML 2Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 3Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 4Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 5Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 6Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 7Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 8Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 9Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TB2905HQ
2005-08-17
6
5.
Output Clipping Detection Function (Pin 25)
Pin 25 has open-collector output (active low) structure, as shown in Figure 7.
If the output waveform is clipped, the clipping detection circuit in the IC activates and turns the Q1 NPN
transistor on.
The microcontroller can use this signal to control the volume and tone control circuits, thus improving
sound quality.
Pin 25 should be left open when this function is not used.
Pin 25: Open-collector output (active low)
Output clipping
detector
25
Q1
5 V
L.P.F.
smoothing
circuit
Volume control circuit
Tone control circuit
(Example application)
DC
DC
AC
t
t
t
(C)
(A)
(B)
(A) Output AC waveform
(B) Clipping detection circuit
(C) Clipping detection pin
(output of pin 25)
Clipped level
Clipped level
Figure 8
Clipping detection mechanism
5V
GND


Similar Part No. - TB2905HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2902HQ TOSHIBA-TB2902HQ Datasheet
446Kb / 38P
   Maximum Power 41 W BTL 횞 4-ch Audio Power IC
TB2903HQ TOSHIBA-TB2903HQ Datasheet
338Kb / 15P
   Maximum Power 47W BTL x 4-ch Audio Power IC
TB2904HQ TOSHIBA-TB2904HQ Datasheet
272Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
More results

Similar Description - TB2905HQ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK403-430 SANYO-STK403-430 Datasheet
135Kb / 8P
   Six-Channel Class AB Audio Power Amplifier IC 20 W X 6 Channels
logo
Toshiba Semiconductor
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2913HQ TOSHIBA-TB2913HQ Datasheet
328Kb / 15P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2924AFG TOSHIBA-TB2924AFG Datasheet
774Kb / 16P
   Class D, 20 W × 2-channel (BTL) Low-Frequency Power Amplifier IC
2007-01-26
TB2906HQ TOSHIBA-TB2906HQ Datasheet
281Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
TB2904HQ TOSHIBA-TB2904HQ Datasheet
272Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
TB2924FG TOSHIBA-TB2924FG Datasheet
534Kb / 16P
   Class D, 20 W 횞 2-channel (BTL) Low-Frequency Power Amplifier IC
logo
Cirrus Logic
CS3511_0912 CIRRUS-CS3511_0912 Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
CS3511 CIRRUS-CS3511 Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com