Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD2420 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. 2SD2420
Description  Silicon NPN triple diffusion planer type Darlington(For power amplification)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2420 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD2420 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transistors
1
2SD2420
Silicon NPN triple diffusion planer type Darlington
For power amplification
I Features
• High forward current transfer ratio h
FE: 2 000 to 10 000
• Dielectric breakdown voltage of the package: > 5 kV
I Absolute Maximum Ratings T
C = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
60
V
Collector to emitter voltage
VCEO
60
V
Emitter to base voltage
VEBO
5V
Peak collector current
ICP
8A
Collector current
IC
4
A
Collector power
TC = 25°CPC
40
W
dissipation
Ta
= 25°C
2.0
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
I Electrical Characteristics T
C = 25°C ± 3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB
= 60 V, I
E
= 0
200
µA
ICEO
VCE
= 30 V, I
B
= 0
500
µA
Emitter cutoff current
IEBO
VEB = 5 V, IC = 02
mA
Collector to emitter voltage
VCEO
IC
= 30 mA, I
B
= 060
V
Forward current transfer ratio
hFE1
VCE
= 3 V, I
C
= 0.5 A
1 000
hFE2 *
VCE = 3 V, IC = 3 A
2 000
10 000
Base to emitter voltage (DC value)
VBE
VCE
= 3 V, I
C
= 3 A
2.5
V
Collector to emitter saturation voltage
VCE(sat)1
IC
= 3 A, I
B
= 12 mA
2.0
V
VCE(sat)2
IC = 5 A, IB = 20 mA
4.0
V
Transition frequency
fT
VCE
= 10 V, I
C
= 0.5 A, f = 1 MHz
20
MHz
Turn-on time
ton
IC
= 3 A, I
B1
= 12 mA, I
B2
= −12 mA
0.5
µs
Storage time
tstg
VCC = 50 V
4.0
µs
Fall time
tf
1.0
µs
1.4±0.2
1.6±0.2
0.8±0.1
0.55±0.15
2.54±0.30
5.08±0.50
12
3
2.6±0.1
2.9±0.2
4.6±0.2
φ 3.2±0.1
9.9±0.3
1: Base
2: Collector
3: Emitter
TO-220D Package
Internal Connection
B
C
E
Note) *: Rank classification
Rank
P
Q
hFE2
4 000 to 10 000 2 000 to 5 000


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn