Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD3CYD08CME Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RD3CYD08CME
Description  IGBT DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD3CYD08CME Datasheet(HTML) 3 Page - Renesas Technology Corp

  RD3CYD08CME Datasheet HTML 1Page - Renesas Technology Corp RD3CYD08CME Datasheet HTML 2Page - Renesas Technology Corp RD3CYD08CME Datasheet HTML 3Page - Renesas Technology Corp RD3CYD08CME Datasheet HTML 4Page - Renesas Technology Corp RD3CYD08CME Datasheet HTML 5Page - Renesas Technology Corp RD3CYD08CME Datasheet HTML 6Page - Renesas Technology Corp RD3CYD08CME Datasheet HTML 7Page - Renesas Technology Corp RD3CYD08CME Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RD3CYD08
REJ03D0179-0600 Rev.6.00 Apr 22, 2008
Page 3 of 7
Block Diagram
A input
B input
Internal circuit
Y output
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Test Conditions
Supply voltage range
VCC
–0.5 to 4.6
V
Input voltage range *
1
VI
–0.5 to VCC + 0.5
V
Output voltage range *
1, 2
VO
–0.5 to VCC + 0.5
V
Input clamp current
IIK
±50
mA
VI < 0 or VI > VCC
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
–200
VO = 0
Continuous output current
IO
100
mA
VO = VCC
Continuous current through
VCC or GND
ICC or IGND
±200
mA
Maximum power dissipation
at Ta = 25°C (in still air) *
3
PT
200
mW
Storage temperature
Tstg
–65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two
of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed. When Over shoot / Under shoot pulse width is under 10 ns, input and output voltage permit to
–1.5 V or VCC+1.5V.
2. This value is limited to 4.6 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
2.0
3.6
V
Input voltage range
VI
0
VCC
V
Output voltage range
VO
0
VCC
V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.


Similar Part No. - RD3CYD08CME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD3CYD08CME RENESAS-RD3CYD08CME Datasheet
165Kb / 9P
   IGBT Driver
More results

Similar Description - RD3CYD08CME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD5CYD08 RENESAS-RD5CYD08 Datasheet
100Kb / 8P
   IGBT Driver
RD3CYDT08 RENESAS-RD3CYDT08 Datasheet
97Kb / 7P
   IGBT Driver
RD5CYD08 RENESAS-RD5CYD08_15 Datasheet
158Kb / 8P
   IGBT Driver
RD3CYD08 RENESAS-RD3CYD08_15 Datasheet
165Kb / 9P
   IGBT Driver
RD3CYDT08 RENESAS-RD3CYDT08_15 Datasheet
120Kb / 9P
   IGBT Driver
logo
Sanyo Semicon Device
TND721MH5 SANYO-TND721MH5 Datasheet
48Kb / 6P
   IGBT DRIVER
logo
Semikron International
SKHI27W SEMIKRON-SKHI27W Datasheet
75Kb / 2P
   PCB IGBT Driver
SKYPER32PRO SEMIKRON-SKYPER32PRO Datasheet
43Kb / 1P
   IGBT Driver Core
SKHI27W SEMIKRON-SKHI27W_05 Datasheet
75Kb / 1P
   PCB IGBT Driver
SKYPER32PRORUL SEMIKRON-SKYPER32PRORUL Datasheet
458Kb / 18P
   IGBT Driver Core
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com