Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD2416 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. 2SD2416
Description  Silicon NPN epitaxial planer type darlington(For low-frequency amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2416 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD2416 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2416 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SD2416
PC — Ta
IC — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
Cob — VCB
0
160
40
120
80
140
20
100
60
0
1.4
1.2
0.4
1.0
0.8
0.2
0.6
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
012
10
8
26
4
0
2.4
2.0
1.6
1.2
0.8
0.4
50
µA
60
µA
70
µA
V
CE=10V
Ta=25˚C
I
B=100µA
40
µA
30
µA
80
µA
90
µA
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
1
0.03
0.3
3
0.1
0.3
1
3
10
30
100
300
1000
I
C/IB=1000
25˚C
–25˚C
Ta=100˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.1
0.3
1
3
10
30
100
300
1000
I
C/IB=1000
Ta=–25˚C
25˚C
100˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
102
103
104
105
106
V
CE=10V
Ta=100˚C
25˚C
–25˚C
Collector current I
C
(A)
1
3
10
30
100
0
24
20
16
12
8
4
f=1MHz
I
E=0
Ta=25˚C
Collector to base voltage V
CB
(V)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn