Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K4F661612D Datasheet(PDF) 4 Page - Samsung semiconductor

Part No. K4F661612D
Description  4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F661612D Datasheet(HTML) 4 Page - Samsung semiconductor

  K4F661612D Datasheet HTML 1Page - Samsung semiconductor K4F661612D Datasheet HTML 2Page - Samsung semiconductor K4F661612D Datasheet HTML 3Page - Samsung semiconductor K4F661612D Datasheet HTML 4Page - Samsung semiconductor K4F661612D Datasheet HTML 5Page - Samsung semiconductor K4F661612D Datasheet HTML 6Page - Samsung semiconductor K4F661612D Datasheet HTML 7Page - Samsung semiconductor K4F661612D Datasheet HTML 8Page - Samsung semiconductor K4F661612D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
CMOS DRAM
K4F661612D, K4F641612D
Industrial Temperature
*Note :
ICC1 , ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1, ICC3 and ICC6, address can be changed maximum once while RAS =VIL. In I CC4,
address can be changed maximum once within one fast page mode cycle time,
tPC.
DC AND OPERATING CHARACTERISTICS (Continued)
ICC1* : Operating Current (RAS and UCAS, LCAS , Address cycling @
tRC=min.)
ICC2 : Standby Current (RAS=UCAS=LCAS =W=VIH)
ICC3* : RAS-only Refresh Current (UCAS=LCAS=VIH, RAS, Address cycling @
tRC =min.)
ICC4* : Fast Page Mode Current (RAS=VIL , UCAS or LCAS, Address cycling @
tPC=min.)
ICC5 : Standby Current (RAS=UCAS=LCAS =W=VCC -0.2V)
ICC6* : CAS-Before- RAS Refresh Current (RAS and UCAS or LCAS cycling @
tRC=min)
ICC7 : Battery back-up current, Average power supply current, Battery back-up mode
Input high voltage(VIH)=VCC-0.2V, Input low voltage(VIL )=0.2V, UCAS , LCAS =CAS -before-RAS cycling or 0.2V,
W, OE=V IH, Address=Don
′t care, DQ=Open, TRC=31.25us
ICCS : Self Refresh Current
RAS=UCAS =LCAS=0.2V, W=OE=A0 ~ A12(A11)=VCC-0.2V or 0.2V, DQ0 ~ DQ15=V CC-0.2V, 0.2V or Open
Symbol
Power
Speed
Max
Units
K4F661612D
K4F641612D
ICC1
Don
′t care
-45
-50
-60
90
80
70
130
120
110
mA
mA
mA
ICC2
Normal
L
Don
′t care
1
1
1
1
mA
mA
ICC3
Don
′t care
-45
-50
-60
90
80
70
130
120
110
mA
mA
mA
ICC4
Don
′t care
-45
-50
-60
70
60
50
70
60
50
mA
mA
mA
ICC5
Normal
L
Don
′t care
0.5
200
0.5
200
mA
uA
ICC6
Don
′t care
-45
-50
-60
130
120
110
130
120
110
mA
mA
mA
ICC7
L
Don
′t care
350
350
uA
ICCS
L
Don
′t care
350
350
uA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KM416V4000B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416V4000C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612E 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C1000B 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C1000C 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F171611D 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C256D 256K x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C4000B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn