Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3103SF Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM3103SF
Description  400mA SMARTOR REGULATOR Vaux SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3103SF Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CM3103SF Datasheet HTML 2Page - California Micro Devices Corp CM3103SF Datasheet HTML 3Page - California Micro Devices Corp CM3103SF Datasheet HTML 4Page - California Micro Devices Corp CM3103SF Datasheet HTML 5Page - California Micro Devices Corp CM3103SF Datasheet HTML 6Page - California Micro Devices Corp CM3103SF Datasheet HTML 7Page - California Micro Devices Corp CM3103SF Datasheet HTML 8Page - California Micro Devices Corp CM3103SF Datasheet HTML 9Page - California Micro Devices Corp CM3103SF Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
01/28/04
CM3103
Performance Information (cont’d)
CM3103 Typical DC Characteristics (cont’d, nominal conditions unless specified otherwise)
Load Regulation (5V supply)
3.15
3.20
3.25
3.30
3.35
3.40
3.45
0
100
200
300
400
500
Load Current [mA]
Foldback Current Limit Protection
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
500
600
Output Current [mA]
Regulator Dropout Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
100
200
300
400
Load Current [mA]
Switch Resistance vs. VAUX supply
0.20
0.25
0.30
0.35
0.40
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VAUX Input Voltage [V]


Similar Part No. - CM3103SF

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM310 CML-CM310 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
logo
Visual Communications C...
CM310 VCC-CM310 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
logo
California Micro Device...
CM3102 CALMIRCO-CM3102 Datasheet
236Kb / 9P
   Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
logo
Chicago Miniature Lamp,...
CM3102 CML-CM3102 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
logo
Visual Communications C...
CM3102 VCC-CM3102 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
More results

Similar Description - CM3103SF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CMPWR330 ONSEMI-CMPWR330 Datasheet
162Kb / 13P
   400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
logo
California Micro Device...
CMPWR330 CALMIRCO-CMPWR330 Datasheet
132Kb / 8P
   400mA SMARTOR Dual Regulator with V switch?
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
   1.5A SMARTOR Dual Regulator with Vaux Drive
logo
ON Semiconductor
CMPWR101 ONSEMI-CMPWR101 Datasheet
137Kb / 12P
   250mA SmartORTM Regulator with VAUX Switch
June 2010 Rev. 3
logo
California Micro Device...
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
   250mA SMARTOR Regulator with V switch
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
   500mA SMARTOR Dual Regulator with V switch?
logo
Advanced Analogic Techn...
AAT1204 ANALOGICTECH-AAT1204 Datasheet
213Kb / 13P
   400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH VAUX SWITCH
logo
ON Semiconductor
CMPWR150 ONSEMI-CMPWR150 Datasheet
148Kb / 15P
   500mA/3.3V SmartOR Power Regulator
June 2010 Rev. 3
logo
California Micro Device...
CMPWR130 CALMIRCO-CMPWR130 Datasheet
94Kb / 6P
   300mA SMARTOR Regulator with V Drive
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com