Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTR-G1 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part No. FTR-G1
Description  Compact Power Relay 1 Pole-25A for Automotive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

FTR-G1 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(a)
SeriesName
FTR-G1:FTR-G1Series
(b)
ContactArrangement
C
:1FormC
(c)
ContactGap
N
:0.3mmgap
(d)
NominalCoilVoltage
009
:09VDC
010
:010VDC
012
:012VDC
(e)
ContactMaterial
W1
:Silver-tinoxide-indium
(f)
CustomDesignation
Tobeassignedcustomdesignation
Note:Thedesignationnameisstampedonthetopoftherelaycaseasfollows:
Example:Orderingpartnumber:FTR-G1CN010W1
Stampedonpartnumber:G1CN010W1
n
FEATURES
l
Compactforhighdensitypackaging(70%volumneofprevi-
ousgenerationFTR-P3series)
l
High contact capacity with proven contact material (min.
100,000 operations, 14V, 25A achived, even with reduced
size)
l
Coilpowersavings(640mWnominalachivedwithstate-of-
the-artmagneticanalysis/design)
l
EaseofPCBlayout(allterminalsonperimeter,coilandcon-
tactterminalsseparated)
l
Lowernoise(57dBaverageat5cm)
l
RoHScompliantsincebeginingofproduction.
Pleaseseepage7formoreinformation
n
ORDERING INFORMATION
FTR-G1 C
N 010 W1
[Example]
(a)
(b) (c) (d)
(e)
FTR-G1 Series
Compact Power Relay
1 Pole—25A for Automotive Applications
1
RoHS compliant
l
Powerwindow
l
Powerseat
l
Tiltsteering
l
Doorlock
l
Wiper/IWW
l
Retractableantenna
l
Sunroof
n
TYPICAL APPLICATIONS


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn