Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTR-G1 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part No. FTR-G1
Description  Compact Power Relay 1 Pole-25A for Automotive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

FTR-G1 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FTR-G1 SERIES
13.7 0.5
+-
1.0 0.3
+-
8.0 0.2
+-
3.5 0.2
+-
2.5 0.2
+-
4.7 0.2
+-
3.5 0.1
+-
8.0 0.1
+-
2- O1.5+0.1
-0
2- O1.0+0.1
-0
O1.7 +0.1
-0
(1.00)
Manufacturer
Type
(example)
Lot No. (weekly code)
Manufacture
country
Japan
0612A
G1CN012W1
G1CN012WI
0635F N1
F&T
JAPAN
17.9±0.2
375±1
n
DIMENSIONS
Schematic
Mountingholelayout
(bottomview)
Schematic
Unit:mm
Marking(example)
Tube


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn