Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY28159 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part No. CY28159
Description  Clock Generator for Serverworks Grand Champion Chipset Applications
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28159 Datasheet(HTML) 5 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY28159
Document #: 38-07118 Rev. **
Page 5 of 13
Spread Spectrum Clock Generation (SSCG)
Spread Spectrum is a modulation technique applied here for
maximum efficiency in minimizing Electro-Magnetic Interfer-
ence radiation generated from repetitive digital signals mainly
clocks. For a detailed explanation of Spread Spectrum Clock
Generation.
Power Management Functions
Notes:
2.
The entries in boldface are the primary system configurations of interest. The outputs should be optimized for these configurations.
3.
Rr refers to the resistance placed in series with the Iref input and VSS.
Table 4. Spectrum Spreading Selection Table
Unspread Frequency in MHz
Spread Spectrum Parameter
Downspreading
F Min(MHz)
F Center(MHz)
F Max(MHz)
Spread (%)
100
99.5
99.75
100
–0.5%
133.3
132.66
132.67
133
–0.5%
200
199.5
199.75
200
–0.5%
Table 5. Host Swing Select Functions[2]
Multsel0
MultSel1
Board Target
Trace/TermZ
Reference Rr, Iref = Vdd(3*Rr)
Note 3
Output Current
Voh@Z, Iref =
2.32 mA
00
60 Ohms
Rf = 475 1%,
Iref = 2.32 mA
Ioh = 5*Iref
07V@60
0
0
50 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 5*Iref
0.59V @ 50
0
1
60 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 6*Iref
0.85V @ 60
0
1
50 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 6*Iref
0.71V @ 50
1
0
60 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 4*Iref
0.56V @ 60
1
0
50 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 4*Iref
0.47V @ 50
1
1
60 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 7*Iref
0.99V @ 60
1
1
50 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 7*Iref
0.82V @ 50


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn