Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTDE4M832 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXTDE4M832
Description  DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTDE4M832 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXTDE4M832 Datasheet HTML 1Page - Zetex Semiconductors ZXTDE4M832 Datasheet HTML 2Page - Zetex Semiconductors ZXTDE4M832 Datasheet HTML 3Page - Zetex Semiconductors ZXTDE4M832 Datasheet HTML 4Page - Zetex Semiconductors ZXTDE4M832 Datasheet HTML 5Page - Zetex Semiconductors ZXTDE4M832 Datasheet HTML 6Page - Zetex Semiconductors ZXTDE4M832 Datasheet HTML 7Page - Zetex Semiconductors ZXTDE4M832 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXTDE4M832
ISSUE 1 - JUNE 2002
6
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-70
-150
V
IC=-100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-70
-125
V
IC=-10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
-7.5
-8.5
V
IE=-100 A
Collector Cut-Off Current
ICBO
-25
nA
VCB=-55V
Emitter Cut-Off Current
IEBO
-25
nA
VEB=-6V
Collector Emitter Cut-Off Current
ICES
-25
nA
VCE=-55V
Collector-Emitter Saturation
Voltage
VCE(sat)
-35
-135
-140
-175
-50
-200
-220
-260
mV
mV
mV
mV
IC=-0.1A, IB=-10mA*
IC=-0.5A, IB=-20mA*
IC=-1.0A, IB=-100mA*
IC=-1.5A, IB=-200mA*
Base-Emitter Saturation Voltage
VBE(sat)
0.94
1.05
V
IC=-1.5A, IB=-200mA*
Base-Emitter Turn-On Voltage
VBE(on)
0.78
1.00
V
IC=-1.5A, VCE=-5V*
Static Forward Current Transfer
Ratio
hFE
300
300
175
40
470
450
275
60
10
IC=-10mA, VCE=-5V*
IC=-100mA, VCE=-5V*
IC=-1A, VCE=-5V*
IC=-1.5A, VCE=-5V*
IC=-3A, VCE=-5V*
Transition Frequency
fT
150
180
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
14
20
pF
VCB=-10V, f=1MHz
Turn-On Time
t(on)
40
ns
VCC=-50V, IC=-1A
IB1=IB2=-50mA
Turn-Off Time
t(off)
700
ns
PNP TRANSISTOR
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
*Measured under pulsed conditions.


Similar Part No. - ZXTDE4M832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTDE4M832 DIODES-ZXTDE4M832 Datasheet
519Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTDE4M832TA DIODES-ZXTDE4M832TA Datasheet
519Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTDE4M832TC DIODES-ZXTDE4M832TC Datasheet
519Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
More results

Similar Description - ZXTDE4M832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTDE4M832 DIODES-ZXTDE4M832 Datasheet
519Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTC6720MC DIODES-ZXTC6720MC Datasheet
211Kb / 9P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTC6720MC DIODES-ZXTC6720MC_15 Datasheet
235Kb / 9P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Zetex Semiconductors
ZXT4M322 ZETEX-ZXT4M322 Datasheet
112Kb / 6P
   70V PNP LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXT4M322 DIODES-ZXT4M322 Datasheet
331Kb / 6P
   70V PNP LOW SATURATION TRANSISTOR
ZXTP722MA DIODES-ZXTP722MA_15 Datasheet
205Kb / 7P
   70V PNP LOW SATURATION TRANSISTOR
ZXTP722MA DIODES-ZXTP722MA Datasheet
205Kb / 7P
   70V PNP LOW SATURATION TRANSISTOR
ZXTDC3M832 DIODES-ZXTDC3M832 Datasheet
474Kb / 8P
   DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTC6719MC DIODES-ZXTC6719MC_15 Datasheet
225Kb / 9P
   DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTDA1M832 DIODES-ZXTDA1M832 Datasheet
484Kb / 8P
   DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com