Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN920-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN920-E
Description  HIGH SIDE DRIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920-E Datasheet(HTML) 4 Page - STMicroelectronics

  VN920-E Datasheet HTML 1Page - STMicroelectronics VN920-E Datasheet HTML 2Page - STMicroelectronics VN920-E Datasheet HTML 3Page - STMicroelectronics VN920-E Datasheet HTML 4Page - STMicroelectronics VN920-E Datasheet HTML 5Page - STMicroelectronics VN920-E Datasheet HTML 6Page - STMicroelectronics VN920-E Datasheet HTML 7Page - STMicroelectronics VN920-E Datasheet HTML 8Page - STMicroelectronics VN920-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
VN920-E / VN920B5-E / VN920SO-E
4/24
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40°C<Tj<150°C unless otherwise specified)
Table 5. Power
Note: 1. Vclamp and VOV are correlated. Typical difference is 5V.
Table 6. Switching (VCC =13V)
Table 7. Logic Input
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Supply Voltage
5.5
13
36
V
VUSD
Undervoltage Shut-down
3
4
5.5
V
VOV
Overvoltage Shut-down
36
V
RON
On State Resistance
IOUT=10A; Tj=25°C
IOUT=10A
IOUT=3A; VCC=6V
16
32
55
m
m
m
Vclamp
Clamp Voltage
ICC=20mA (See note 1)
41
48
55
V
IS
Supply Current
Off State; VCC=13V; VIN=VOUT=0V
Off State; VCC=13V; VIN=VOUT=0V;
Tj=25°C
On State; VCC=13V; VIN=5V; IOUT=0A;
RSENSE=3.9KΩ
10
10
25
20
5
µA
µA
mA
IL(off1)
Off State Output Current
VIN=VOUT=0V
0
50
µA
IL(off2)
Off State Output Current
VIN=0V; VOUT=3.5V
-75
0
µA
IL(off3)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj=125°C
5
µA
IL(off4)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj=25°C
3
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
RL=1.3Ω (see figure 6)
50
µs
td(off)
Turn-off Delay Time
RL=1.3Ω (see figure 6)
50
µs
dVOUT/
dt(on)
Turn-on Voltage Slope
RL=1.3Ω (see figure 6)
See
relative
diagram
V/
µs
dVOUT/
dt(off)
Turn-off Voltage Slope
RL=1.3Ω (see figure 6)
See
relative
diagram
V/
µs
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Level
1.25
V
IIL
Low Level Input Current
VIN=1.25V
1
µA
VIH
Input High Level
3.25
V
IIH
High Level Input Current
VIN=3.25V
10
µA
VI(hyst)
Input Hysteresis Voltage
0.5
V
VICL
Input Clamp Voltage
IIN=1mA
IIN=-1mA
66.8
-0.7
8V
V


Similar Part No. - VN920-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920-E STMICROELECTRONICS-VN920-E Datasheet
1Mb / 23P
   Single-channel high side driver
More results

Similar Description - VN920-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
   HIGH SIDE DRIVER
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
   HIGH SIDE DRIVER
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
   High-side driver
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
   High-side driver
September 2013 Rev 3
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
   HIGH SIDE DRIVER
October 2004
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
   HIGH SIDE DRIVER
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
   High side driver
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
   HIGH SIDE DRIVER
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
   HIGH SIDE DRIVER
L9801 STMICROELECTRONICS-L9801 Datasheet
346Kb / 7P
   HIGH SIDE DRIVER
VN920DSP-E STMICROELECTRONICS-VN920DSP-E Datasheet
184Kb / 19P
   HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com