Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4401BDY Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SI4401BDY
Description  P-Channel 40-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI4401BDY Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Vishay Siliconix
SPICE Device Model Si4401BDY
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
1.9
V
On-State Drain Current
a
ID(on)
VDS = −5 V, VGS = −10 V
406
A
VGS = −10 V, ID = −10.5 A
0.011
0.011
Drain-Source On-State Resistance
a
rDS(on)
VGS = −4.5 V, ID = −8.7 A
0.016
0.016
Forward Transconductance
a
gfs
VDS = −15 V, ID = −10.5 A
32
26
S
Diode Forward Voltage
a
VSD
IS = −2.7 A, VGS = 0 V
−0.82
−0.74
V
Dynamic
b
Total Gate Charge
Qg
34
40
Gate-Source Charge
Qgs
10
10
Gate-Drain Charge
Qgd
VDS = −15 V, VGS = −5 V, ID = −10.5 A
14
14
nC
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 73147
S-51095
Rev. B, 13-Jun-05


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI2319DSP-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI4401DYP-Channel 40-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SUM110P04-04LP-Channel 40-V D-S 175-LC MOSFET 1 2 3 4 5 Vishay Siliconix
SI7463DPP-Channel 40-V D-S MOSFET 1 2 3 4 5 Fairchild Semiconductor
SUD50P04-09LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SUD50P04-13LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SI4567DYDual N- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4569DYN- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SUM110P04-05P-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix
SUB65P04-15P-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn