Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4401BDY Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI4401BDY
Description  P-Channel 40-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4401BDY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4401BDY Datasheet HTML 1Page - Vishay Siliconix SI4401BDY Datasheet HTML 2Page - Vishay Siliconix SI4401BDY Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vishay Siliconix
SPICE Device Model Si4401BDY
P-Channel 40-V (D-S) MOSFET
CHARACTERISTICS
• P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the p-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0-V to 5-V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Document Number: 73147
S-51095
Rev. B, 13-Jun-05


Similar Part No. - SI4401BDY

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SI4401BDY VISHAY-SI4401BDY Datasheet
254Kb / 9P
   P-Channel 40-V (D-S) MOSFET
Si4401BDY VISHAY-Si4401BDY Datasheet
187Kb / 8P
   P-Channel 40-V (D-S) MOSFET
VBsemi Electronics Co.,Ltd
VBsemi Electronics Co.,...
SI4401BDY-T1-E3 VBSEMI-SI4401BDY-T1-E3 Datasheet
1,003Kb / 9P
   P-Channel 40 V (D-S) MOSFET
Vishay Siliconix
Vishay Siliconix
SI4401BDY VISHAY-SI4401BDY_13 Datasheet
254Kb / 9P
   P-Channel 40-V (D-S) MOSFET
SI4401BDY VISHAY-SI4401BDY_17 Datasheet
187Kb / 8P
   P-Channel 40-V (D-S) MOSFET
More results

Similar Description - SI4401BDY

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Analog Power
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
Vishay Siliconix
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Analog Power
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
VBsemi Electronics Co.,Ltd
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
9565BGM VBSEMI-9565BGM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
9565BGM-HF VBSEMI-9565BGM-HF Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz