Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50WQ10GTRLPBF Datasheet(PDF) 3 Page - International Rectifier

Part # 50WQ10GTRLPBF
Description  SHCOTTKY BARRIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50WQ10GTRLPBF Datasheet(HTML) 3 Page - International Rectifier

  50WQ10GTRLPBF Datasheet HTML 1Page - International Rectifier 50WQ10GTRLPBF Datasheet HTML 2Page - International Rectifier 50WQ10GTRLPBF Datasheet HTML 3Page - International Rectifier 50WQ10GTRLPBF Datasheet HTML 4Page - International Rectifier 50WQ10GTRLPBF Datasheet HTML 5Page - International Rectifier 50WQ10GTRLPBF Datasheet HTML 6Page - International Rectifier 50WQ10GTRLPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
50WQ10G
Preliminary Data Sheet PD-20683 09/04
3
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance Z
thJC Characteristics
Fig. 1 - Maximum Forward Voltage Drop Characteristics
0.0001
0.001
0.01
0.1
1
10
100
0 102030405060 70 8090 100
R
125°C
100°C
75°C
50°C
25°C
Reverse Voltage - V (V)
T = 150°C
J
10
100
1000
020
40
60
80
100
T = 25°C
J
R
Reverse Voltage - V (V)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t , Rectangular Pulse Duration (Seconds)
Single Pulse
(Thermal Resistance)
1
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
J
DM
thJC
C
1
2
2
t
1
t
PDM
1
10
100
1000
00.5
1
1.5
22.5
33.5
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J


Similar Part No. - 50WQ10GTRLPBF

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
50WQ10 NJSEMI-50WQ10 Datasheet
142Kb / 1P
   Schottky Rectifiers
50WQ10 NJSEMI-50WQ10 Datasheet
59Kb / 1P
   Schottky Rectifiers
50WQ10 NJSEMI-50WQ10 Datasheet
59Kb / 1P
   Schottky Rectifiers
50WQ10 NJSEMI-50WQ10 Datasheet
59Kb / 1P
   Schottky Rectifiers
logo
International Rectifier
50WQ10F IRF-50WQ10F Datasheet
71Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - 50WQ10GTRLPBF

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF15JC10 SHINDENGEN-SF15JC10 Datasheet
239Kb / 8P
   SHCOTTKY RECTIFIERS(SBD)
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX051VA-30 ROHM-RSX051VA-30_1 Datasheet
143Kb / 4P
   Shottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com