Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU1004D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LU1004D
Description  High Performance N-Ch Vertical POWERJET with PN Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LU1004D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LU1004D Datasheet HTML 1Page - List of Unclassifed Manufacturers LU1004D Datasheet HTML 2Page - List of Unclassifed Manufacturers LU1004D Datasheet HTML 3Page - List of Unclassifed Manufacturers LU1004D Datasheet HTML 4Page - List of Unclassifed Manufacturers LU1004D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PWRLITE LU1004D
High Performance N-Ch Vertical POWERJFETTM with PN Diode
Features
Trench Power JFET with low threshold voltage Vth.
Device fully “ON” with Vgs = 0.7V
Optimum for “Low Side” Buck Converters
Optimized for Secondary Rectification in isolated DC-DC
Low Rg and low Cds for high speed switching
No “Body Diode”; extremely low Cds
Added Fast Recovery Schottky Diode in same package
Applications
DC-DC Converters
Synchronous Rectifiers
PC Motherboard Converters
Step-down power supplies
VRM Modules
IPAK Pin Assignments
Description
The Power JFET transistor from Lovoltech is a device that
presents a Low Rdson allowing for improved efficiencies in DC-
DC switching applications. The device is designed with a low
threshold such that drivers can operate at 5V, which reduces the
driver power dissipation and increases the overall efficiency.
Lower threshold produces faster turn-on/turn-off, which
minimizes the required dead time. The transistor “No Body
Diode” provides a very low associated parasitic capacitance Cds.
A Schottky Diode is added for applications where a freewheeling
diode is required. Ringing is also reduced so that a lower voltage
device may be a better solution.
1 2
3
Case TO251 (IPAK)
1 2
3
Case TO251 (IPAK)
N – Channel PowerJFET
with PN Diode
S
D
G
S
D
G
Pin Definitions
Pin Number
Pin Name
Pin Function Description
Product Summary
1
Gate
Gate. Transistor Gate
VDS (V)
Rdson (
Ω)
ID (A)
2, 4
Drain
Drain. Transistor Drain
24V
0.0045
50
3
Source
Source. Transistor Source
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Drain-Source Voltage
VDS
24
V
Gate-Source Voltage
VGS
-10
V
Gate-Drain Voltage
VGD
-28
V
Continuous Drain Current
ID
50
A
Pulsed Drain Current
ID
100
A
Single Pulse Drain-to-Source Avalanche Energy at 25
°C
(VDD= 5VDC, IL=60APK, L=0.3mH, RG=100 Ω)
EAS
220
mJ
Junction Temperature
TJ
-55 to 150
°C
°C
Storage Temperature
TSTG
-65 to 150
°C
°C
Lead Soldering Temperature, 10 seconds
T
260
°C
°C
Power Dissipation (Derated at 25
°C)
PD
80
W
LU1004D- Rev 0.97 12-04


Similar Part No. - LU1004D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LU100 MACOM-LU100 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
logo
Seoul Semiconductor
LU100Z SEOUL-LU100Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LU1004D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1010DA ETC1-LD1010DA Datasheet
605Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LU1014D ETC1-LU1014D Datasheet
601Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LD1014D ETC1-LD1014D Datasheet
600Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LU1010DA ETC1-LU1010DA Datasheet
562Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LD1010D ETC-LD1010D Datasheet
662Kb / 5P
   High Performance N-Channel POWERJFET with PN Diodes
LD1003S ETC-LD1003S Datasheet
693Kb / 5P
   High Performance N-Channel POWERJFET with Schottky Diode
LD1106S ETC1-LD1106S Datasheet
764Kb / 5P
   High Performance N-Channel POWERJFET with Schottky Diode
logo
Vishay Siliconix
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com