Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1856B-025T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1856B-025T
Description  Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1856B-025T Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1856B-025T Datasheet HTML 1Page - Maxim Integrated Products DS1856B-025T Datasheet HTML 2Page - Maxim Integrated Products DS1856B-025T Datasheet HTML 3Page - Maxim Integrated Products DS1856B-025T Datasheet HTML 4Page - Maxim Integrated Products DS1856B-025T Datasheet HTML 5Page - Maxim Integrated Products DS1856B-025T Datasheet HTML 6Page - Maxim Integrated Products DS1856B-025T Datasheet HTML 7Page - Maxim Integrated Products DS1856B-025T Datasheet HTML 8Page - Maxim Integrated Products DS1856B-025T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Dual, Temperature-Controlled Resistors with Inter-
nally Calibrated Monitors and Password Protection
2
_____________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.85
5.50
V
Input Logic 1 (SDA, SCL)
VIH
(Note 2)
0.7 x Vcc
VCC + 0.3
V
Input Logic 0 (SDA, SCL)
VIL
(Note 2)
-0.3
+0.3 x VCC
V
Resistor Inputs (L0, L1, H0, H1)
-0.3
VCC + 0.3
V
Resistor Current
IRES
-3
+3
mA
High-Impedance Resistor Current
IROFF
0.001
0.1
µA
Input logic 1
1.6
Input Logic Levels (IN1, IN2)
Input logic 0
0.9
V
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Relative to Ground ...........-0.5V to +6.0V
Voltage Range on Inputs Relative
to Ground* ..............................................-0.5V to (VCC + 0.5V)
Voltage Range on Resistor Inputs Relative
to Ground* ..............................................-0.5V to (VCC + 0.5V)
Current into Resistors............................................................5mA
Operating Temperature Range ...........................-40°C to +95°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020A
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
(Note 3)
1
2
mA
Input Leakage
IIL
-200
+200
nA
VOL1
3mA sink current
0
0.4
Low-Level Output Voltage
(SDA, OUT1, OUT2)
VOL2
6mA sink current
0
0.6
V
Full-Scale Input (MON1, MON2,
MON3)
At factory setting
(Note 4)
2.4875
2.5
2.5125
V
Full-Scale VCC Monitor
At factory setting (Note 5)
6.5208
6.5536
6.5864
V
I/O Capacitance
CI/O
10
pF
Digital Power-On Reset
POD
1.0
2.2
V
Analog Power-On Reset
POA
2.0
2.6
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.85V to 5.5V, TA = -40°C to +95°C, unless otherwise noted.)
*Not to exceed 6.0V.


Similar Part No. - DS1856B-025T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856B-M50++ MAXIM-DS1856B-M50+ Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856B-M50+R MAXIM-DS1856B-M50+R Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856B-M50+T MAXIM-DS1856B-M50+T Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
More results

Similar Description - DS1856B-025T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
logo
STMicroelectronics
M24LR64-R_1006 STMICROELECTRONICS-M24LR64-R_1006 Datasheet
1Mb / 128P
   64 Kbit EEPROM with password protection & dual interface
logo
List of Unclassifed Man...
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com