Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1856E-025R Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1856E-025R
Description  Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1856E-025R Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1856E-025R Datasheet HTML 1Page - Maxim Integrated Products DS1856E-025R Datasheet HTML 2Page - Maxim Integrated Products DS1856E-025R Datasheet HTML 3Page - Maxim Integrated Products DS1856E-025R Datasheet HTML 4Page - Maxim Integrated Products DS1856E-025R Datasheet HTML 5Page - Maxim Integrated Products DS1856E-025R Datasheet HTML 6Page - Maxim Integrated Products DS1856E-025R Datasheet HTML 7Page - Maxim Integrated Products DS1856E-025R Datasheet HTML 8Page - Maxim Integrated Products DS1856E-025R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Dual, Temperature-Controlled Resistors with Inter-
nally Calibrated Monitors and Password Protection
_____________________________________________________________________
5
Note 10: After this period, the first clock pulse is generated.
Note 11: The maximum tHD:DAT only has to be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
Note 12: A device must internally provide a hold time of at least 300ns for the SDA signal (see the VIH MIN of the SCL signal) to
bridge the undefined region of the falling edge of SCL.
Note 13: CB—total capacitance of one bus line, timing referenced to 0.9 x VCC and 0.1 x VCC.
Note 14: Guaranteed by design.
Typical Operating Characteristics
(VCC = 5.0V, TA = +25°C, for both 50k
Ω and 20kΩ versions, unless otherwise noted.)
TEMPERATURE (
°C)
40
60
80
20
0
-20
650
700
750
800
600
-40
100
SUPPLY CURRENT vs. TEMPERATURE
SDA = SCL = VCC
SUPPLY CURRENT vs. VOLTAGE
VOLTAGE (V)
5.0
4.5
4.0
3.5
450
500
600
550
700
650
750
800
400
3.0
5.5
SDA = SCL = VCC
RESISTANCE vs. SETTING
SETTING (DEC)
200
150
100
50
10
20
30
40
50
60
0
0
250
50k
Ω VERSION
RESISTANCE vs. SETTING
SETTING (DEC)
200
150
100
50
5
10
15
20
0
0
250
20k
Ω VERSION
ACTIVE SUPPLY CURRENT
vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
300
200
100
720
740
760
780
800
700
0
400
SDA = VCC
RESISTOR 0 INL (LSB)
SETTING (DEC)
225
200
150 175
50 75 100 125
25
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
250


Similar Part No. - DS1856E-025R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856E-M50++ MAXIM-DS1856E-M50+ Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856E-M50+R MAXIM-DS1856E-M50+R Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856E-M50+T MAXIM-DS1856E-M50+T Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
More results

Similar Description - DS1856E-025R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
logo
STMicroelectronics
M24LR64-R_1006 STMICROELECTRONICS-M24LR64-R_1006 Datasheet
1Mb / 128P
   64 Kbit EEPROM with password protection & dual interface
logo
List of Unclassifed Man...
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com