Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66740WTB0 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD66740WTB0
Description  112 x 80-dot Graphics LCD Controller/Driver
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66740WTB0 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD66740WTB0 Datasheet HTML 1Page - Hitachi Semiconductor HD66740WTB0 Datasheet HTML 2Page - Hitachi Semiconductor HD66740WTB0 Datasheet HTML 3Page - Hitachi Semiconductor HD66740WTB0 Datasheet HTML 4Page - Hitachi Semiconductor HD66740WTB0 Datasheet HTML 5Page - Hitachi Semiconductor HD66740WTB0 Datasheet HTML 6Page - Hitachi Semiconductor HD66740WTB0 Datasheet HTML 7Page - Hitachi Semiconductor HD66740WTB0 Datasheet HTML 8Page - Hitachi Semiconductor HD66740WTB0 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
HD66740
5
HD66740 Block Diagram
System
interface
- Clock
synchro-
nized
serial
- I2C bus
- 4-bit bus
- 8-bit bus
Data
register
(DR)
Instruction register
(IR)
Address
counter
(AC)
Timing generator
Character
generator RAM
(CGRAM)
1,120 bytes
Parallel/serial converter
112-bit
latch
circuit
112-bit
segment
shift
register
80-bit bidirectional
common shift register
Common
driver
Segment
driver
LCD drive
voltage
selector
CPG
Instruction
decoder
RS
RW/RD*/SDA
E/WR*/SCL
Vcc
VLCD
COM1/80—
COM80/1
SEG1/112—
SEG112/1
OSC1
OSC2
8
8
8
10
8
Vci
Triple to
five-times
booster
C1+
IM2-1
RESET*
C1-
+-
+-
+-
+-
VLOUT
+-
GND
VR
RR
R0
R
TEST
V1OUT
V2OUT
V3OUT
V4OUT
V5OUT
OPOFF
IM0/ID
C2+
C2-
CS*
C3+
C3-
Contrast adjuster
Drive bias controller
C4+
C4-
VTEST1—
VTEST3
DB0-DB7


Similar Part No. - HD66740WTB0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66741 HITACHI-HD66741 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
More results

Similar Description - HD66740WTB0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66728 HITACHI-HD66728 Datasheet
5Mb / 134P
   (112 x 80-dot Graphics LCD Controller/Driver)
HD66760 HITACHI-HD66760 Datasheet
653Kb / 105P
   104 X 80-dot Graphics LCD Controller/Driver for 256 Colors
HD66766R HITACHI-HD66766R Datasheet
665Kb / 97P
   132 x 176-dot Graphics LCD Controller/Driver for 65K Colors
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Hitachi Semiconductor
HD66750 HITACHI-HD66750 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
logo
OKI electronic componet...
MSM5265 OKI-MSM5265 Datasheet
159Kb / 18P
   80-DOT LCD DRIVER
logo
Renesas Technology Corp
HD66773R RENESAS-HD66773R Datasheet
1Mb / 133P
   262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
logo
OKI electronic componet...
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
   80-DOT LCD SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com