Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1856E-002T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1856E-002T
Description  Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1856E-002T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1856E-002T Datasheet HTML 7Page - Maxim Integrated Products DS1856E-002T Datasheet HTML 8Page - Maxim Integrated Products DS1856E-002T Datasheet HTML 9Page - Maxim Integrated Products DS1856E-002T Datasheet HTML 10Page - Maxim Integrated Products DS1856E-002T Datasheet HTML 11Page - Maxim Integrated Products DS1856E-002T Datasheet HTML 12Page - Maxim Integrated Products DS1856E-002T Datasheet HTML 13Page - Maxim Integrated Products DS1856E-002T Datasheet HTML 14Page - Maxim Integrated Products DS1856E-002T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Dual, Temperature-Controlled Resistors with Inter-
nally Calibrated Monitors and Password Protection
____________________________________________________________________
11
Variable Resistors
The value of each variable resistor is determined by
a temperature-addressed look-up table, which can
assign a unique value (00h to FFh) to each resistor for
every 2°C increment over the -40°C to +102°C range
(see Table 3). See the Temperature Conversion section
for more information.
The variable resistors can also be used in manual
mode. If the TEN bit equals 0, the resistors are in man-
ual mode and the temperature indexing is disabled.
The user sets the resistors in manual mode by writing
to addresses 82h and 83h in Table 03 to control resis-
tors 0 and 1, respectively.
Memory Description
The memory of the DS1856 is divided into two areas
referred to as the Main Device and the Auxiliary
Device. The Main Device comprises all of the DS1856
specific memory while the Auxiliary Device consists of
128 bytes of general-purpose EEPROM and is espe-
cially useful in GBIC applications. Main and Auxiliary
ADEN
(ADDRESS
ENABLE)
NO. OF SEPARATE
DEVICE
ADDRESSES
ADDITIONAL
INFORMATION
02
See Figure 2
1
1 (Main Device Only)
See Figure 3
Table 4. ADEN Address Configuration
ADEN
ADFIX
AUXILIARY
ADDRESS
MAIN ADDRESS
00
A0h
A2h
01
A0h
EEPROM
(Table 03, 8Ch)
10
A2h
11
EEPROM
(Table 03, 8Ch)
Table 5. ADEN and ADFIX Bits
AUXILIARY DEVICE
EEPROM
AUXILIARY MEMORY
(128 BYTES)
00h
7Fh
127
7F
127
7F
128
80
183
B7
199
C7
200
C8
255
FF
2-WIRE ADDRRESS A0h
DEC HEX
00
MAIN DEVICE
LOWER MEMORY
TABLE SELECT BYTE
PASSWORD ENTRY
(PWE) (4 BYTES)
00h
7Fh
2-WIRE ADDRESS A2h (DEFAULT)
NOTE 1: ADEN BIT = 0. AUXILIARY MEMORY IS ADDRESSED USING THE AUXILIARY DEVICE
NOTE 1. 2-WIRE SLAVE ADDRESS OF A0h, AND THE REMAINDER OF THE MEMORY IS
NOTE 1. ADDRESSED USING THE MAIN DEVICE 2-WIRE SLAVE ADDRESS OF A2h
NOTE 1. (WHEN ADFIX = 0).
NOTE 2: TABLES 00h, 01h, AND 02h DO NOT EXIST.
DEC HEX
00
TABLE 03h
CONFIGURATION
TABLE
80h
B7h
TABLE 04h
RESISTOR 0
LOOK-UP TABLE
(72 BYTES)
80h
C7h
TABLE 05h
RESISTOR 1
LOOK-UP TABLE
(72 BYTES)
80h
C7h
RESERVED AND
CALIBRATION
CONSTANTS
RESERVED AND
CALIBRATION
CONSTANTS
F0h
FFh
F0h
FFh
Figure 2. Memory Organization, ADEN = 0


Similar Part No. - DS1856E-002T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856E-M50++ MAXIM-DS1856E-M50+ Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856E-M50+R MAXIM-DS1856E-M50+R Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856E-M50+T MAXIM-DS1856E-M50+T Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
More results

Similar Description - DS1856E-002T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
logo
STMicroelectronics
M24LR64-R_1006 STMICROELECTRONICS-M24LR64-R_1006 Datasheet
1Mb / 128P
   64 Kbit EEPROM with password protection & dual interface
logo
List of Unclassifed Man...
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com