Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1856B-020T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1856B-020T
Description  Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1856B-020T Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1856B-020T Datasheet HTML 1Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 2Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 3Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 4Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 5Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 6Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 7Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 8Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Dual, Temperature-Controlled Resistors with Inter-
nally Calibrated Monitors and Password Protection
______________________________________________ Maxim Integrated Products
1
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The DS1856 dual, temperature-controlled, nonvolatile
(NV) variable resistors with three monitors consists of
two 256-position, linear, variable resistors; three analog
monitor inputs (MON1, MON2, MON3); and a direct-to-
digital temperature sensor. The device provides an
ideal method for setting and temperature-compensating
bias voltages and currents in control applications using
minimal circuitry. The variable resistor settings are
stored in EEPROM memory and can be accessed over
the 2-wire serial bus.
Relative to other members of the family, the DS1856 is
essentially a DS1859 with a DS1852-friendly memory
map. In particular, the DS1856 can be configured so
the 128 bytes of internal Auxiliary EEPROM memory is
mapped into Main Device Table 00h and Table 01h,
maintaining
compatibility
between
both
the
DS1858/DS1859 and the DS1852. The DS1856 also
features password protection equivalent to the DS1852,
further enhancing compatibility between the two.
Applications
Optical Transceivers
Optical Transponders
Instrumentation and Industrial Controls
RF Power Amps
Diagnostic Monitoring
Features
♦ SFF-8472 Compatible
♦ Five Monitored Channels (Temperature, VCC,
MON1, MON2, MON3)
♦ Three External Analog Inputs (MON1, MON2, MON3)
That Support Internal and External Calibration
♦ Scalable Dynamic Range for External Analog Inputs
♦ Internal Direct-to-Digital Temperature Sensor
♦ Alarm and Warning Flags for All Monitored
Channels
♦ Two Linear, 256-Position, Nonvolatile Temperature-
Controlled Variable Resistors
♦ Resistor Settings Changeable Every 2°C
♦ Three Levels of Security
♦ Access to Monitoring and ID Information
Configurable with Separate Device Addresses
♦ 2-Wire Serial Interface
♦ Two Buffers with TTL/CMOS-Compatible Inputs and
Open-Drain Outputs
♦ Operates from a 3.3V or 5V Supply
♦ -40°C to +95°C Operating Temperature Range
Ordering Information
Rev 1; 4/05
PART
RES0/RES1
RESISTANCE
(k
Ω)
PIN-PACKAGE
DS1856E-050
50/50
16 TSSOP
DS1856E-050/T&R
50/50
16 TSSOP
DS1856B-050
50/50
16-Ball CSBGA
A
TOP VIEW
B
C
D
1
CSBGA (4mm x 4mm)
1.0mm PITCH
3
24
MON3
OUT1
IN2
MON1
L0
GND
N.C.
L1
H0
SDA
OUT2
H1
VCC
SCL
IN1
MON2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SDA
VCC
H1
L1
H0
L0
MON3
MON2
MON1
TSSOP
SCL
OUT1
IN2
IN1
OUT2
N.C.
GND
DS1856
Pin Configurations
DS1856
SDA
1
2
3
4
5
6
7
8
16
0.1
µF
15
14
13
12
11
10
9
SCL
OUT1
IN1
OUT2
IN2
N.C.
GND
VCC
H1
L1
H0
L0
MON3
MON2
MON1
Rx POWER*
DIAGNOSTIC
INPUTS
TO LASER
MODULATION
CONTROL
TO LASER BIAS
CONTROL
DECOUPLING
CAPACITOR
Tx POWER*
Tx BIAS*
*SATISFIES SFF-8472 COMPATIBILITY
VCC
VCC = 3.3V
4.7k
4.7k
Tx-FAULT
LOS
2-WIRE
INTERFACE
Typical Operating Circuit
Ordering Information continued at end of data sheet.
+Denotes lead free.
*Future product—contact factory for availability.
T&R denotes tape-and-reel.
All parts operate at the -40°C to +95°C temperature range.


Similar Part No. - DS1856B-020T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856B-M50++ MAXIM-DS1856B-M50+ Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856B-M50+R MAXIM-DS1856B-M50+R Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856B-M50+T MAXIM-DS1856B-M50+T Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
More results

Similar Description - DS1856B-020T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
logo
STMicroelectronics
M24LR64-R_1006 STMICROELECTRONICS-M24LR64-R_1006 Datasheet
1Mb / 128P
   64 Kbit EEPROM with password protection & dual interface
logo
List of Unclassifed Man...
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com