Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1856E-020R Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1856E-020R
Description  Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1856E-020R Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1856E-020R Datasheet HTML 4Page - Maxim Integrated Products DS1856E-020R Datasheet HTML 5Page - Maxim Integrated Products DS1856E-020R Datasheet HTML 6Page - Maxim Integrated Products DS1856E-020R Datasheet HTML 7Page - Maxim Integrated Products DS1856E-020R Datasheet HTML 8Page - Maxim Integrated Products DS1856E-020R Datasheet HTML 9Page - Maxim Integrated Products DS1856E-020R Datasheet HTML 10Page - Maxim Integrated Products DS1856E-020R Datasheet HTML 11Page - Maxim Integrated Products DS1856E-020R Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Dual, Temperature-Controlled Resistors with Inter-
nally Calibrated Monitors and Password Protection
8
_____________________________________________________________________
Detailed Description
The user can read the registers that monitor the VCC,
MON1, MON2, MON3, and temperature analog signals.
After each signal conversion, a corresponding bit is set
that can be monitored to verify that a conversion has
occurred. The signals also have alarm and warning flags
that notify the user when the signals go above or below
the user-defined value. Interrupts can also be set for
each signal.
The position values of each resistor can be indepen-
dently programmed. The user can assign a unique
value to each resistor for every 2°C increment over the
-40°C to +102°C range.
Two buffers are provided to convert logic-level inputs
into open-drain outputs. Typically, these buffers are
used to implement transmit (Tx) fault and loss-of-signal
(LOS) functionality. Additionally, OUT1 can be asserted
in the event that one or more of the monitored values
go beyond user-defined limits.
PIN
BALL
NAME
FUNCTION
1B2
SDA
2-Wire Serial Data I/O Pin. Transfers serial data to and from the device.
2A2
SCL
2-Wire Serial Clock Input. Clocks data into and out of the device.
3C3
OUT1
Open-Drain Buffer Output
4A1
IN1
TTL/CMOS-Compatible Input to Buffer
5B1
OUT2
Open-Drain Buffer Output
6C2
IN2
TTL/CMOS-Compatible Input to Buffer
7C1
N.C.
No Connection
8D1
GND
Ground
9D3
MON1
External Analog Input
10
D4
MON2
External Analog Input
11
C4
MON3
External Analog Input
12
D2
L0
Low-End Resistor 0 Terminal. It is not required that the low-end terminals be connected to a potential
less than the high-end terminals of the corresponding resistor. Voltage applied to any of the resistor
terminals cannot exceed the power-supply voltage, VCC, or go below ground.
13
B3
H0
High-End Resistor 0 Terminal. It is not required that the high-end terminals be connected to a
potential greater than the low-end terminals of the corresponding resistor. Voltage applied to any of
the resistor terminals cannot exceed the power-supply voltage, VCC, or go below ground.
14
B4
L1
Low-End Resistor 1 Terminal
15
A4
H1
High-End Resistor 1 Terminal
16
A3
VCC
Supply Voltage
Pin Description


Similar Part No. - DS1856E-020R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856E-M50++ MAXIM-DS1856E-M50+ Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856E-M50+R MAXIM-DS1856E-M50+R Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856E-M50+T MAXIM-DS1856E-M50+T Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
More results

Similar Description - DS1856E-020R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
logo
STMicroelectronics
M24LR64-R_1006 STMICROELECTRONICS-M24LR64-R_1006 Datasheet
1Mb / 128P
   64 Kbit EEPROM with password protection & dual interface
logo
List of Unclassifed Man...
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com