Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 67 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 67 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 63Page - Altera Corporation EP1C12F100I7 Datasheet HTML 64Page - Altera Corporation EP1C12F100I7 Datasheet HTML 65Page - Altera Corporation EP1C12F100I7 Datasheet HTML 66Page - Altera Corporation EP1C12F100I7 Datasheet HTML 67Page - Altera Corporation EP1C12F100I7 Datasheet HTML 68Page - Altera Corporation EP1C12F100I7 Datasheet HTML 69Page - Altera Corporation EP1C12F100I7 Datasheet HTML 70Page - Altera Corporation EP1C12F100I7 Datasheet HTML 71Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
Altera Corporation
67
Preliminary Information
Cyclone FPGA Family Data Sheet
Multiple Cyclone devices can be configured in any of the three
configuration schemes by connecting the configuration enable (nCE) and
configuration enable output (nCEO) pins on each device.
Operating
Conditions
Cyclone devices are offered in both commercial and industrial grades.
However, industrial-grade devices may have limited speed-grade
availability.
Tables 23 through 38 provide information on absolute maximum ratings,
recommended operating conditions, DC operating conditions, and
capacitance for Cyclone devices.
Table 22. Data Sources for Configuration
Configuration Scheme
Data Source
Active serial
Low-cost serial configuration device
Passive serial (PS)
Enhanced or EPC2 configuration device,
MasterBlaster or ByteBlasterMV download cable,
or serial data source
JTAG
MasterBlaster or ByteBlasterMV download cable
or a microprocessor with a Jam or JBC file
Table 23. Cyclone Device Absolute Maximum Ratings
Notes (1), (2)
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCINT
Supply voltage
With respect to ground (3)
–0.5
2.4
V
VCCIO
–0.5
4.6
V
VI
DC input voltage
–0.5
4.6
V
IOUT
DC output current, per pin
–25
25
mA
TSTG
Storage temperature
No bias
–65
150
° C
TAMB
Ambient temperature
Under bias
–65
135
° C
TJ
Junction temperature
BGA packages under bias
135
° C


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com