Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3AS02G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ICE3AS02G
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ICE3AS02G Datasheet HTML 2Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 3Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 4Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 5Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 6Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 7Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 8Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 9Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Version 1.1
6
21 May 2004
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Pin Configuration and Functionality
1.3
Pin Functionality
SoftS (Soft Start & Auto Restart Control)
The SoftS pin combines the functions of Soft Start
during Start Up and error detection for Auto Restart
Mode. These functions are implemented and can be
adjusted by means of an external capacitor at SoftS to
ground. This capacitor also provides an adjustable
blanking window for high load jumps, before the IC
enters into Auto Restart Mode.
FB (Feedback)
The information about the regulation is provided by the
FB Pin to the internal Protection Unit and to the internal
PWM-Comparator to control the duty cycle. The FB-
Signal controls in case of light load the Active Burst
Mode of the controller.
CS (Current Sense)
The Current Sense pin senses the voltage developed
on the series resistor inserted in the source of the
external PowerMOS. If CS reaches the internal
threshold of the Current Limit Comparator, the Driver
output is immediately switched off. Furthermore the
current
information
is
provided
for
the
PWM-
Comparator to realize the Current Mode.
Gate
The Gate pin is the output of the internal driver stage
connected to the Gate of an external PowerMOS.
HV (High Voltage)
The HV pin is connected to the rectified DC input
voltage. It is the input for the integrated 500V Startup
Cell.
VCC (Power supply)
The VCC pin is the positive supply of the IC. The
operating range is between 8.5V and 21V.
GND (Ground)
The GND pin is the ground of the controller.


Similar Part No. - ICE3AS02G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AS02G INFINEON-ICE3AS02G Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
More results

Similar Description - ICE3AS02G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AS02 INFINEON-ICE3AS02_05 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
ICE3BS03LJG INFINEON-ICE3BS03LJG Datasheet
496Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.0, 6 Dec 2007
ICE3DS01L INFINEON-ICE3DS01L Datasheet
624Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
V2.0, 15 May 2003
ICE3DS01L INFINEON-ICE3DS01L_05 Datasheet
712Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.1, 15 Nov 2005
ICE3BS02L INFINEON-ICE3BS02L Datasheet
506Kb / 21P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell and Latched off Mode
Version 1.1, 28 Sep 2005
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
ICE3A1065 INFINEON-ICE3A1065 Datasheet
818Kb / 32P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?
Version 2.3, 02 Apr 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com