Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS7750GP Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTS7750GP
Description  TrilithIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7750GP Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS7750GP Datasheet HTML 4Page - Infineon Technologies AG BTS7750GP Datasheet HTML 5Page - Infineon Technologies AG BTS7750GP Datasheet HTML 6Page - Infineon Technologies AG BTS7750GP Datasheet HTML 7Page - Infineon Technologies AG BTS7750GP Datasheet HTML 8Page - Infineon Technologies AG BTS7750GP Datasheet HTML 9Page - Infineon Technologies AG BTS7750GP Datasheet HTML 10Page - Infineon Technologies AG BTS7750GP Datasheet HTML 11Page - Infineon Technologies AG BTS7750GP Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BTS 7750 GP
Data Sheet
8
2001-02-01
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Note: In the operating range the functions given in the circuit description are fulfilled.
Thermal Resistances (one HS-LS-Path active)
LS-junction case
R
thjC L
–1.7
K/W
HS-junction case
R
thjC H
–1.7
K/W
Junction ambient
R
thja = T
j(HS)/(P(HS)+P(LS))
R
thja
26
K/W device soldered to
reference PCB with
6cm2 cooling area
ESD Protection (Human Body Model acc. MIL STD 883D, method 3015.7 and EOS/
ESD assn. standard S5.1 - 1993)
Input LS-Switch
V
ESD
–2
kV
Input HS-Switch
V
ESD
–1
kV
Status HS-Switch
V
ESD
–2
kV
Output LS and HS-Switch
V
ESD
8
kV
all other pins connected
to Ground
3.2
Operating Range
– 40
C < Tj < 150 C
Parameter
Symbol
Limit Values Unit
Remarks
min.
max.
Supply voltage
V
S
V
UVOFF
42
V
After
V
S rising
above
V
UVON
Input voltages
V
IH
– 0.3
15
V
Input voltages
V
IL
– 0.3
10
V
Output current
I
ST
02mA
Junction temperature
T
j
– 40
150
C–
3.1
Absolute Maximum Ratings (cont’d)
– 40
C < Tj < 150 C
Parameter
Symbol
Limit Values Unit Remarks
min.
max.


Similar Part No. - BTS7750GP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7750G INFINEON-BTS7750G Datasheet
226Kb / 16P
   TrilithIC
2001-02-01
More results

Similar Description - BTS7750GP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7710GP INFINEON-BTS7710GP Datasheet
238Kb / 16P
   TrilithIC
2001-02-01
logo
Siemens Semiconductor G...
BTS774G SIEMENS-BTS774G Datasheet
94Kb / 17P
   TrilithIC
logo
Infineon Technologies A...
BTM7750GP INFINEON-BTM7750GP Datasheet
352Kb / 18P
   TrilithIC
Rev. 1.0, July 2008
BTS780GP INFINEON-BTS780GP Datasheet
314Kb / 18P
   TrilithIC
1999-06-22
BTS7740G INFINEON-BTS7740G Datasheet
249Kb / 16P
   TrilithIC
2001-02-01
BTS7750G INFINEON-BTS7750G Datasheet
226Kb / 16P
   TrilithIC
2001-02-01
BTM7810K INFINEON-BTM7810K Datasheet
567Kb / 18P
   TrilithIC
Rev. 1.0, May 2008
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
   TrilithIC
Rev. 1.0, June 2008
BTM7740G INFINEON-BTM7740G Datasheet
330Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7811K INFINEON-BTM7811K Datasheet
573Kb / 19P
   TrilithIC
Rev. 1.0, May 2008
BTS7741G INFINEON-BTS7741G Datasheet
284Kb / 16P
   TrilithIC
2003-03-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com