Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A120J15C0GF5UAA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # A120J15C0GF5UAA
Description  Leaded ceramic multilayer capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A120J15C0GF5UAA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button A120J15C0GF5UAA Datasheet HTML 2Page - List of Unclassifed Manufacturers A120J15C0GF5UAA Datasheet HTML 3Page - List of Unclassifed Manufacturers A120J15C0GF5UAA Datasheet HTML 4Page - List of Unclassifed Manufacturers A120J15C0GF5UAA Datasheet HTML 5Page - List of Unclassifed Manufacturers A120J15C0GF5UAA Datasheet HTML 6Page - List of Unclassifed Manufacturers A120J15C0GF5UAA Datasheet HTML 7Page - List of Unclassifed Manufacturers A120J15C0GF5UAA Datasheet HTML 8Page - List of Unclassifed Manufacturers A120J15C0GF5UAA Datasheet HTML 9Page - List of Unclassifed Manufacturers A120J15C0GF5UAA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2002 Sep 10
6
BCcomponents
Product specification
Leaded ceramic multilayer
capacitors
Mono-axialTM series
ORDERING INFORMATION
Components may be ordered by using either a simple 15-digit clear text code, or BCcomponents 12NC.
Clear text code
EXAMPLE: A103K15X7RF5TAA
Ordering code 12NC
PRODUCT
TYPE
CAPACITANCE
(pF)
TOLERANCE
SIZE CODE
(mm)
DIELECTRIC
RATED
VOLTAGE
LEAD DIA.
(mm)
PACKAGING
A = mono-axial
two significant digits
followed by the number
of zeros:
101 = 100
103 = 10000
J=
±5%
K=
±10%
M=
±20%
Z = +80%/
−20%
15 =
3.8 (.150") max.
20 =
5.0 (.200") max.
COG (NP0)
X7R
Z5U
Y5V
E= 25 V
F = 50 V
H = 100 V
5=
0.5 (0.020") max.
TAA = tape & reel
UAA = ammopack
2 2 5 2 X X
X
X X X X X
Dielectric and
tolerance
Rated voltage (DC)
2
5
6
25 V
50 V
100 V
Multiplier
Capacitance (pF)
two significant digits
of capacitance value
8
9
1
2
3
4
5
Size and packaging
20
21
40
41
size 15/tape and reel
size 15/ammo
size 20/tape and reel
size 20/ammo
JWB217
0.1
1
10
100
1 000
10 000
100 000
20
21
22
23
24
25
26
NP0
±5%
NP0
±10%
X7R
±10%
X7R
±20%
Z5U
±20%
Z5U
−20/+80%
Y5V
−20/+80%


Similar Part No. - A120J15C0GF5UAA

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
A1200-40-3X BARRY-A1200-40-3X Datasheet
134Kb / 1P
   BeO 12 dB FLANGED ATTENUATOR
Rev. A
logo
MicroPower Direct, LLC
A1200RU MPD-A1200RU Datasheet
239Kb / 2P
   A1200RU SERIES
logo
Allegro MicroSystems
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201ELHLT-T ALLEGRO-A1201ELHLT-T Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
More results

Similar Description - A120J15C0GF5UAA

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com