Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62429P Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. M62429P
Description  SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62429P Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
M62429P/FP
MITSUBISHI SOUND PROCESSOR ICs
PRELIMINARY
Notice:This
is not a
final specification.
Some
parametric
limits
are subject
to change.
(
/
)
ELECTRIC
MITSUBISHI
6
D0
D1
D2
D3
D4
D5
D6
D7
0/1
0/1
VOLUME
1
1
DATA INPUT FORMAT
VOLUME CODE
D8
D9
D10
0: Both channels at a time
1: A channel at a time
0:1CH
1:2CH
ATT1
0dB
-4dB
-8dB
-12dB
-16dB
-20dB
H
H
L
L
L
L
-24dB
H
D2
D3
D4
D5
D6
H
L
H
L
H
L
H
L
L
H
H
L
L
H
L
L
L
L
L
L
H
H
H
H
H
H
H
L
-28dB
H
LH
H
L
-32dB
H
HL
HL
-36dB
H
LL
H
L
-40dB
L
HH
H
L
-44dB
L
LH
H
L
-48dB
L
HL
HL
-52dB
L
LL
H
L
-56dB
H
HH
L
L
-60dB
H
LH
L
L
-64dB
H
HL
L
L
-68dB
H
LL
LL
-72dB
L
HH
L
L
-76dB
L
LH
L
L
-80dB
L
HL
L
L
-
L
LL
LL
ATT2
0dB
-1dB
-2dB
-3dB
D7
D8
H
L
H
L
H
H
L
L
5


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn