Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62428 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M62428
Description  DIGITAL SOUND CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62428 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M62428 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62428 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62428 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62428 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62428 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62428 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62428 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62428 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M62428 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MITSUBISHI
ELECTRIC
(
/ 18 )
M62428FP
MITSUBISHI SOUND PROCESSORS
DIGITAL SOUND CONTROLLER
ABSOLUTE MAXIMUM RATINGS
(Ta=25°C,unless otherwise noted)
THERMAL DERATING
(MAXIMUM RATING)
AVdd
Analog supply voltage
V
Pd
Topr
Tstg
Power dissipation
Operating temperature
Storage temperature
mW
°C
°C
9.0
990
-20~+75
-40~+125
Symbol
Parameter
Ratings
Unit
Conditions
DVdd
Digital supply voltage
7.0
V
K
Thermal derating
mW/°C
9.9
Ta
≤ 25°C
Ta > 25°C
1000
800
600
400
200
0
0
25
50
75
100
125
AMBIENT TEMPERATURE Ta (°C)
990
630
60
6


Similar Part No. - M62428

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62428FP RENESAS-M62428FP Datasheet
6Mb / 19P
   DIGITAL SOUND CONTROLLER
More results

Similar Description - M62428

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62493FP MITSUBISHI-M62493FP Datasheet
578Kb / 18P
   DIGITAL SOUND CONTROLLER
logo
Renesas Technology Corp
M62428FP RENESAS-M62428FP Datasheet
6Mb / 19P
   DIGITAL SOUND CONTROLLER
logo
Mitsubishi Electric Sem...
M62433FP MITSUBISHI-M62433FP Datasheet
224Kb / 21P
   DIGITAL SOUND CONTROLLER
M615XXFP MITSUBISHI-M615XXFP Datasheet
383Kb / 16P
   Digital controlled Sound Controller
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M61504FP MITSUBISHI-M61504FP Datasheet
195Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62430FP MITSUBISHI-M62430FP Datasheet
160Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SRSsurround
M62445FP MITSUBISHI-M62445FP Datasheet
218Kb / 17P
   DIGITAL SOUND CONTROLLER WITH DYNAMIC BASS BOOST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com