Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1304N-SLA Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1304N-SLA
Description  Single Coil Fan Motor Full Wave Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1304N-SLA Datasheet(HTML) 3 Page - Anachip Corp

  AP1304N-SLA Datasheet HTML 1Page - Anachip Corp AP1304N-SLA Datasheet HTML 2Page - Anachip Corp AP1304N-SLA Datasheet HTML 3Page - Anachip Corp AP1304N-SLA Datasheet HTML 4Page - Anachip Corp AP1304N-SLA Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP1301/2/4/5
Single Coil Fan Motor Full Wave Driver
Anachip Corp.
www.anachip.com.tw
Rev 0.2 Apr.16, 2004
3/5
Absolute Maximum Ratings (T
A=25ºC)
Parameter
Symbol
Rating
Unit
Input voltage
VCC
20
V
AP1304/5
350
Output current
IOUT
AP1301/2
500
mA
Maximum output withstand voltage
Vout
20
V
RD/FG maximum output withstand voltage
Vr/Vf
20
V
RD/FG maximum output current
Ir/If
5
mA
AP1304/5
550*(note1)
Allowable power dissipation
PD
AP1301/2
1000
mW
Operating temperature
TOPR
-30 to +85
ºC
Storage temperature
TSTG
-55 to +150
ºC
*note1 : Reduced by 5.5mW for each increase in Ta of 1ºC over 25 ºC
Electrical Characteristics ( T
A=25ºC, VCC=5V, unless otherwise noted)
Rating
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power supply voltage
Vcc
4
--
20
V
Hall input voltage (DC+AC)
VBH
Includes the amplitude of signal
0.2
--
VCC-1.5
V
Supply current
ICC
The output is off
--
6.5
10
mA
Charge current
ICHG
VCT = 1.5V
1.9
2.8
3.7
uA
Discharge current
IDHG
VCT = 1.5V
0.32
0.46
0.60
uA
Charge/discharge ratio
RCD
IGHG/IDCHG
5.0
6.0
7.0
--
Output Low Level Voltage
Vol
Io=200mA
0.2
0.3
V
Output High Level Voltage
Voh
Io=200mA
3.9
4.1
V
Hall input sensitivity
VHN
Zero peak value (including
offset and hysteresis)
7
15
mV
RD/FG pin output low
VRDL, Vfgl IRD , Ifg = 5mA
--
0.1
0.3
V
RD/FG output pin leakage
current
Irdl,Ifgl
Vrd,Vfg=15V
30
uA
Truth Table
IN-
IN+
CT
OUT1
OUT2
RD
FG
Mode
H
L
L
H
L
L
L
Rotating
L
H
L
L
H
L
H
Rotating
-
-
H
off
off
off
-
Lockup protection activated
Latch-type RD output is low during rotation and high during stop


Similar Part No. - AP1304N-SLA

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
AP130 AMICC-AP130 Datasheet
92Kb / 8P
   1W Per Channel Stereo Class-D Audio Power Amplifier
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
More results

Similar Description - AP1304N-SLA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8063TT SANYO-LV8063TT Datasheet
112Kb / 8P
   Fan Motor Driver Single-Phase Full-Wave Driver
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com