Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPV362M4K Datasheet(PDF) 10 Page - International Rectifier

Part # CPV362M4K
Description  Short Circuit Rated UltraFast IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV362M4K Datasheet(HTML) 10 Page - International Rectifier

Back Button CPV362M4K Datasheet HTML 2Page - International Rectifier CPV362M4K Datasheet HTML 3Page - International Rectifier CPV362M4K Datasheet HTML 4Page - International Rectifier CPV362M4K Datasheet HTML 5Page - International Rectifier CPV362M4K Datasheet HTML 6Page - International Rectifier CPV362M4K Datasheet HTML 7Page - International Rectifier CPV362M4K Datasheet HTML 8Page - International Rectifier CPV362M4K Datasheet HTML 9Page - International Rectifier CPV362M4K Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CPV362M4K
Case Outline — IMS-2
Notes:
Repetitive rating: VGE=20V; pulse width limited by maximum junction temperature (figure 20)
‚VCC=80%(VCES), VGE=20V, L=10µH, RG = 23Ω (Figure 19)
ƒPulse width ≤ 80µs; duty factor ≤ 0.1%.
„Pulse width 5.0µs, single shot.
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
2/98
D im e ns ions in M illim eters and (Inc he s )
IMS-2 Package Outline (13 Pins)
7.87 (.310)
5.46 (.215)
1.27 (.050)
6.10 (.240)
3 .05 ± 0.3 8
(.120 ± .015)
0.51 (.020)
0.38 (.015)
62.43 (2 .458)
53.85 (2 .1 20 )
3.91 (.154)
2 X
21.97 (.865)
3.94 (.155)
4.06 ± 0.51
(.160 ± .0 20 )
5.08 (.200)
6 X
1.27 (.050)
1 3 X
2.54 (.100)
6 X
0.76 (.030)
1 3 X
1
2
3 4
5
6
7
8
9 1 0 11 1 2 13 14 1 5 16 17 1 8 19
N O T ES:
1. T o le ra nce unle ss othe rw is e
s pecifie d ± 0.254 (.010).
2 . C o ntro lling D im e nsio n: Inch.
3. D im e ns io ns are s how n in
M illim ete r (Inche s).
4 . T e rm inal num be rs a re sho w n
fo r re fere nc e o nly.


Similar Part No. - CPV362M4K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
287Kb / 10P
   IGBT SIP MODULE
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
CPV362M4FPBF VISHAY-CPV362M4FPBF Datasheet
246Kb / 9P
   IGBT SIP Module
Revision: 10-Jun-15
logo
International Rectifier
CPV362M4U IRF-CPV362M4U Datasheet
274Kb / 10P
   UltraFast IGBT IGBT SIP MODULE
logo
Vishay Siliconix
CPV362M4UPBF VISHAY-CPV362M4UPBF Datasheet
298Kb / 11P
   IGBT SIP Module (Fast IGBT)
Revision: 01-Sep-08
More results

Similar Description - CPV362M4K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20K-SPBF IRF-IRG4BC20K-SPBF Datasheet
298Kb / 9P
   Short Circuit Rated UltraFast IGBT
IRG4PH20KPBF IRF-IRG4PH20KPBF Datasheet
390Kb / 9P
   Short Circuit Rated UltraFast IGBT
IRG4PH40KPBF IRF-IRG4PH40KPBF Datasheet
527Kb / 8P
   Short Circuit Rated UltraFast IGBT
IRG4BC10K IRF-IRG4BC10K Datasheet
158Kb / 8P
   Short Circuit Rated UltraFast IGBT
IRG4PC50KPBF IRF-IRG4PC50KPBF Datasheet
239Kb / 8P
   Short Circuit Rated UltraFast IGBT
logo
Vishay Siliconix
CPV364M4KPBF VISHAY-CPV364M4KPBF Datasheet
269Kb / 11P
   CPV364M4KPBF (Short Circuit Rated Ultrafast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPU165MK IRF-CPU165MK Datasheet
92Kb / 2P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
logo
Vishay Siliconix
VS-CPV363M4KPBF VISHAY-VS-CPV363M4KPBF Datasheet
261Kb / 10P
   IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
Revision: 25-Oct-17
VS-CPV364M4KPBF VISHAY-VS-CPV364M4KPBF Datasheet
252Kb / 11P
   IGBT SIP Module(Short Circuit Rated Ultrafast IGBT)
Revision: 25-Oct-17
CPV363M4KPBF VISHAY-CPV363M4KPBF Datasheet
279Kb / 11P
   IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
Revision: 01-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com