Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ100EL16VS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. AZ100EL16VS
Description  ECL/PECL Differential Receiver with Variable Output Swing
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

AZ100EL16VS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AZ100EL16VS Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AZ100EL16VS
October 2001 * REV - 2
www.azmicrotek.com
6
PACKAGE DIAGRAM
TSSOP 8
MILLIMETERS
DIM
MIN
MAX
A
1.10
A1
0.05
0.15
A2
0.80
0.95
A3
0.25
bp
0.25
0.45
c
0.15
0.28
D
2.90
3.10
E
2.90
3.10
e
0.65
HE
4.70
5.10
L
0.94
Lp
0.40
0.70
v
0.10
w
0.10
y
0.10
Z
0.35
0.70
θ
0O
6O
NOTES:
1.
DIMENSIONS D AND E DO NOT
INCLUDE MOLD PROTRUSION.
2.
MAXIMUM MOLD PROTRUSION
FOR D IS 0.15mm.
3.
MAXIMUM MOLD PROTRUSION
FOR E IS 0.25mm.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn