Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AZ100EL16VS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. AZ100EL16VS
Description  ECL/PECL Differential Receiver with Variable Output Swing
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AZ100EL16VS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AZ100EL16VS
October 2001 * REV - 2
www.azmicrotek.com
5
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
12.32
12.57
0.485
0.495
A1
0.10
0.25
0.004
0.010
A2
1.25
1.45
0.049
0.057
A3
0.25
0.01
bp
0.36
0.49
0.014
0.019
c
0.19
0.25
0.0075
0.0100
D
4.8
5.0
0.19
0.20
E
3.8
4.0
0.15
0.16
e
1.27
0.050
HE
5.80
6.20
0.228
0.244
L
1.05
0.041
Lp
0.40
1.00
0.016
0.039
Q
0.60
0.70
0.024
0.028
v
0.25
0.01
w
0.25
0.01
y
0.10
0.004
Z
0.30
0.70
0.012
0.028
θ
0O
8O
0O
8O
NOTES:
1.
DIMENSIONS D AND E DO NOT
INCLUDE MOLD PROTRUSION.
2.
MAXIMUM MOLD PROTRUSION
FOR D IS 0.15mm.
3.
MAXIMUM MOLD PROTRUSION
FOR E IS 0.25mm.
PACKAGE DIAGRAM
SOIC 8


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn