Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ100EL16VS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. AZ100EL16VS
Description  ECL/PECL Differential Receiver with Variable Output Swing
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

AZ100EL16VS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AZ100EL16VS Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ100EL16VS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AZ100EL16VS
October 2001 * REV - 2
www.azmicrotek.com
3
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1,3
3915
4120
3975
4120
3975
4045
4120
3975
4120
mV
VOL
Output LOW Voltage1,3
VCTRL = VBB2
3110
3380
3130
3320
3130
3225
3320
3130
3320
mV
VOL
Output LOW Voltage1,3
VCTRL = VCC
3820
4025
3865
4010
3865
3935
4010
3865
4010
mV
VIH
Input HIGH Voltage1
3835
4120
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage1
3190
3525
3190
3525
3190
3525
3190
3525
mV
VBB
Reference Voltage1
3580
3740
3580
3740
3580
3740
3580
3740
mV
IIH
Input HIGH Current
D, D
¯
VCTRL
150
40
150
40
150
40
150
40
µA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
IEE
Power Supply Current
18
25
18
25
18
25
21
26
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
If VCTRL is Open Circuit, use the VOH (Max & Min) and VOL (VCTRL = VREF : Max only) limits.
3.
Each output is terminated through a 50
Ω resistor to VCC – 2V.
AC Characteristics (VEE = -4.2V to -5.5V; VCC =GND or VEE =GND; VCC = +4.2V to +5.5V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH / tPHL
Input to Output Delay
(Diff)
(SE)
250
250
175
125
250
250
325
375
175
125
250
250
325
375
205
155
280
280
355
405
ps
tSKEW
Duty Cycle Skew1 (Diff)
5
5
20
5
20
5
20
ps
VPP (AC)
Minimum Input Swing2
150
150
150
150
mV
VCMR
Common Mode Range3
VCC -
2.0
VCC -
0.4
VCC -
2.0
VCC -
0.4
VCC -
2.0
VCC -
0.4
VCC -
2.0
VCC -
0.4
V
tr / tf
Rise/Fall Time
20 – 80%
100
350
100
350
100
350
100
350
ps
1.
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
2.
VPP is the minimum peak-to-peak differential input swing for which AC parameters are guaranteed.
3.
The VCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within
the specified range and the peak-to-peak voltage lies between VPP(min) and 1V.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn