Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC6416CRF Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT88SC6416CRF
Description  CryptoRF EEPROM Memory 64 Kbits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC6416CRF Datasheet(HTML) 1 Page - ATMEL Corporation

  AT88SC6416CRF Datasheet HTML 1Page - ATMEL Corporation AT88SC6416CRF Datasheet HTML 2Page - ATMEL Corporation AT88SC6416CRF Datasheet HTML 3Page - ATMEL Corporation AT88SC6416CRF Datasheet HTML 4Page - ATMEL Corporation AT88SC6416CRF Datasheet HTML 5Page - ATMEL Corporation AT88SC6416CRF Datasheet HTML 6Page - ATMEL Corporation AT88SC6416CRF Datasheet HTML 7Page - ATMEL Corporation AT88SC6416CRF Datasheet HTML 8Page - ATMEL Corporation AT88SC6416CRF Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Note: This is a summary document. A complete document is available
under NDA. For more information, please contact your local Atmel
sales office.
Features
One of a Family of Devices with User Memory of 1 Kbit to 64 Kbits
Contactless 13.56 MHz RF Communications Interface
– ISO/IEC 14443-2:2001 Type B Compliant
– ISO/IEC 14443-3:2001 Type B Compliant Anticollision Protocol
– Command Set Optimized for Multicard RF Communications
– Tolerant of Type A Signaling for Multiprotocol Applications
– Operating Distance Up to 10 cm
Integrated 82 pF Tuning Capacitor
User EEPROM Memory
– 64 Kbits Configured as Sixteen 512-byte (4-Kbit) User Zones
– Byte, Page, and Partial Page Write Modes
– Self-timed Write Cycle
256-byte (2-Kbit) Configuration Zone
– User-programmable Application Family Identifier (AFI)
– User-defined Anticollision Polling Response
– User-defined Keys and Passwords
High-Security Features
– 64-bit Mutual Authentication Protocol (under exclusive patent license from ELVA)
– Encrypted Checksum
– Stream Encryption
– Four Key Sets for Authentication and Encryption
– Eight Sets of Two 24-bit Passwords
– Password and Authentication Attempts Counters
– Selectable Access Rights by Zone
– Write Lock Mode
– Antitearing Function
– Tamper Sensors
High Reliability
– Endurance: 100,000 Write Cycles
– Data Retention: 10 Years
– Operating Temperature:
−40°C to +85°C
CryptoRF
EEPROM Memory
64 Kbits
AT88SC6416CRF
Summary
Rev. 5006AS–CRRF–05/03


Similar Part No. - AT88SC6416CRF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC6416CRF ATMEL-AT88SC6416CRF Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 64 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF Datasheet
1Mb / 108P
   CryptoRF Specification
AT88SC6416CRF ATMEL-AT88SC6416CRF Datasheet
260Kb / 9P
   13.56 MHz CryptoRF짰 EEPROM Memory 64 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF Datasheet
896Kb / 158P
   CryptoRF Specification
AT88SC6416CRF-MR1 ATMEL-AT88SC6416CRF-MR1 Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 64 Kbits
More results

Similar Description - AT88SC6416CRF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC6416CRF ATMEL-AT88SC6416CRF_06 Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 64 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF_06 Datasheet
305Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 1 Kbits
AT88SC1616CRF ATMEL-AT88SC1616CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 16 Kbits
AT88RF04C ATMEL-AT88RF04C Datasheet
271Kb / 11P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88SC0204CRF ATMEL-AT88SC0204CRF Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 2 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF_06 Datasheet
305Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 1 Kbits
AT88SC0404CRF ATMEL-AT88SC0404CRF Datasheet
248Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88SC3216CRF ATMEL-AT88SC3216CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 32 Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com