Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHA4210 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AHA4210
Description  Viterbi with Reed-Solomon Decoder
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AHA4210 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AHA4210 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHA4210 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHA4210 Datasheet HTML 9Page - List of Unclassifed Manufacturers AHA4210 Datasheet HTML 10Page - List of Unclassifed Manufacturers AHA4210 Datasheet HTML 11Page - List of Unclassifed Manufacturers AHA4210 Datasheet HTML 12Page - List of Unclassifed Manufacturers AHA4210 Datasheet HTML 13Page - List of Unclassifed Manufacturers AHA4210 Datasheet HTML 14Page - List of Unclassifed Manufacturers AHA4210 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
PS4210-1099
Page 5 of 30
Advanced Hardware Architectures, Inc.
2.4
RS DECODER
The RS block performs the outer decoding. The
Reed-Solomon decoder conforms to the DVB
specification. The RS block can be programmed to
decode t=1, 1.5, 2, . . . 7.5, 8.
The block length of the code is programmable
up to 255 bytes. Block length is 204 with 16 check
bytes and a correction power of 8 bytes per block
for the DVB specification. Maximum latency
through the RS Decoder Block is:
2.5
DERANDOMIZE/ENERGY
DISPERSAL
The derandomizer is specified in the DVB
specification. It is built as a 15 stage pseudo-
random binary sequence generator with
initialization sequence specified by RSEED0 and
RSEED1 registers. The randomization occurs over
8 blocks of MGSBYTES2 (188 bytes for DVB
specification). Randomization does not occur over
Reed-Solomon parity bytes nor sync bytes.
However, the pseudo-random binary sequence
generator continues to run during non-inverted sync
bytes. Maximum latency = 10 VCLKs.
2.6
MODES OF OPERATION
The FEC decoder has been designed with a
modular approach so that each of the four major
functions: Viterbi decoding, deinterleaving, RS
decoding and derandomization can be individually
enabled or disabled. Five operating modes are
supported by the device. These are:
1) Normal mode. All functions enabled. Inputs
clocked with SCLK.
2) Byte Input mode. All functions except Viterbi
enabled. Inputs clocked with VCLK. Tie
SCLK to VCLK. Use Byte [1:0], I[2:0] and
Q[2:0] as byte wide data path. Bytes must
arrive on packet boundaries.
3) Viterbi decode mode. Inputs clocked with
SCLK.
4) Reed-Solomon decode mode. Same input
constraints as byte input mode.
5) Deinterleave mode. Same input constraints as
byte input mode.
These modes may be operated with or without
the derandomizer enabled.
Table 1:
Various Modes Supported by the AHA4210 Device
Table 2:
Register Settings for Functional Block Bypass
px
()
x
8
x
4
x
3
x
2
1
++++
=
gx
()
x
α0
+
() x α1
+
(). . . x α 2t 1
()
+
()
=
α1
primitive element
=
N
1
() 8120 2RN 2.67
×
++
+
×
MODE
FUNCTIONAL BLOCK
VITERBI
DEINTERLEAVER
RS DECODER
DERANDOMIZER
1) Normal
Enabled
Enabled
Enabled
Either
2) Byte Input
Disabled
Enabled
Enabled
Either
3) Viterbi Decode
Enabled
Disabled
Disabled
Either
4) RS Decode
Disabled
Disabled
Enabled
Either
5) Deinterleaver
Disabled
Enabled
Disabled
Either
FUNCTIONAL BLOCK
ENABLED
DISABLED
Viterbi
VCON[4]=1
IOCNTRL[2]=0
VCON[4]=0
IOCNTRL[2]=1
Deinterleaver
JDEPTH[4]=1
JDEPTH[4]=0
Reed-Solomon
RSCONTROL=0C
RSCONTROL=1C
Derandomizer
IOCNTRL[7]=1; VCON[7]=1
IOCNTRL[7]=0; VCON[7]=0


Similar Part No. - AHA4210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHA4011C ETC-AHA4011C Datasheet
466Kb / 28P
   10 MBytes/sec Reed-Solomon Error Correction Device
AHA4011C-040PJC ETC-AHA4011C-040PJC Datasheet
466Kb / 28P
   10 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B ETC-AHA4012B Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B-006 ETC-AHA4012B-006 Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B-006PJC ETC-AHA4012B-006PJC Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
More results

Similar Description - AHA4210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
   Reed Solomon decoder IC
1996 Jul 17
logo
List of Unclassifed Man...
COIC5130A ETC1-COIC5130A Datasheet
291Kb / 20P
   Programmable Reed-Solomon Error Correction Encoder and Decoder
AHAG709D-40FEC ETC1-AHAG709D-40FEC Datasheet
58Kb / 2P
   40 GB/S ITU G.709 REED-SOLOMON DECODER
logo
Actel Corporation
MC-ACT-RSENC-NET ACTEL-MC-ACT-RSENC-NET Datasheet
121Kb / 5P
   Reed-Solomon Encoder
logo
List of Unclassifed Man...
AHAG709D-10FEC ETC1-AHAG709D-10FEC Datasheet
59Kb / 2P
   10 GB/S ITU G.709 REED-SOLOMON DECODER
logo
Motorola, Inc
MC92300 MOTOROLA-MC92300 Datasheet
42Kb / 4P
   VITERBI Decoder for Digital TV
logo
Freescale Semiconductor...
AN2407 FREESCALE-AN2407 Datasheet
556Kb / 48P
   Reed Solomon Encoder/Decoder on the StarCore SC140/SC1400 Cores, With Extended Examples
logo
Motorola, Inc
MC92305 MOTOROLA-MC92305 Datasheet
39Kb / 4P
   16/32/64/128/256 QAM RECEIVER AND REED-SOLOMON DECODER
logo
Dynex Semiconductor
MA1916 DYNEX-MA1916 Datasheet
94Kb / 11P
   Radiation Hard Reed-Solomon & Convolution Encoder
logo
List of Unclassifed Man...
AHA4011C ETC-AHA4011C Datasheet
466Kb / 28P
   10 MBytes/sec Reed-Solomon Error Correction Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com